Electronic Components Datasheet Search
  English  ▼

X  

AD9240 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9240
Description  Complete 14-Bit, 10 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9240 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9240 Datasheet HTML 3Page - Analog Devices AD9240 Datasheet HTML 4Page - Analog Devices AD9240 Datasheet HTML 5Page - Analog Devices AD9240 Datasheet HTML 6Page - Analog Devices AD9240 Datasheet HTML 7Page - Analog Devices AD9240 Datasheet HTML 8Page - Analog Devices AD9240 Datasheet HTML 9Page - Analog Devices AD9240 Datasheet HTML 10Page - Analog Devices AD9240 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD9240
REV. A
–7–
Other Characterization Curves/Plots
(AVDD = +5 V, DVDD = +5 V, DRVDD = +5 V, fSAMPLE = 10 MSPS, RBIAS = 2 k ,
TA = +25 C, Single-Ended Input)
CODE
3.0
–0.5
–2.0
0
16863
2.5
0.0
–1.0
–1.5
2.0
1.0
1.5
0.5
–2.5
–3.0
Figure 11. Typical INL
(Input Span = 5 V)
INPUT FREQUENCY – MHz
90
85
40
0.1
1
20
10
55
45
50
65
60
80
70
75
–0.5dBFS
–6.0dBFS
–20.0dBFS
Figure 14. SINAD vs. Input Frequency
(Input Span = 2 V, VCM = 2.5 V)
INPUT FREQUENCY – MHz
90
85
0.1
1
20
10
55
50
65
60
80
70
75
–0.5dBFS
–6.0dBFS
–20.0dBFS
Figure 17. SINAD vs. Input Frequency
(Input Span = 5 V, VCM = 2.5 V)
CODE
1.0
–0.4
–1.0
0
16383
0.8
–0.2
–0.6
–0.8
0.6
0.2
0.4
0.0
Figure 12. Typical DNL
(Input Span = 5 V)
INPUT FREQUENCY – MHz
–40
–100
0.1
1
20
10
–90
–80
–70
–50
–60
–0.5dBFS
–6.0dBFS
–20.0dBFS
Figure 15. THD vs. Input Frequency
(Input Span = 2 V, VCM = 2.5 V)
INPUT FREQUENCY – MHz
–40
–100
0.1
1
20
10
–90
–80
–70
–50
–60
–0.5dBFS
–6.0dBFS
–20dBFS
Figure 18. THD vs. Input Frequency
(Input Span = 5 V, VCM = 2.5 V)
N–1
13484335
1414263
1482053
N
N+1
CODE
Figure 13. “Grounded-Input”
Histogram (Input Span = 5 V)
FREQUENCY – MHz
0
–10
1
10
100
–70
–80
–50
–60
–20
–40
–30
Figure 16. CMR vs. Input Frequency
(Input Span = 2 V, VCM = 2.5 V)
TEMPERATURE – C
0.01
–0.004
–0.01
–60 –40
140
–20 0
20
40 60
80 100 120
0.008
–0.002
–0.006
–0.008
0.002
0
0.006
0.004
Figure 19. Typical Voltage Reference
Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com