Electronic Components Datasheet Search
  English  ▼

X  

AD9240 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9240
Description  Complete 14-Bit, 10 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9240 Datasheet(HTML) 3 Page - Analog Devices

  AD9240 Datasheet HTML 1Page - Analog Devices AD9240 Datasheet HTML 2Page - Analog Devices AD9240 Datasheet HTML 3Page - Analog Devices AD9240 Datasheet HTML 4Page - Analog Devices AD9240 Datasheet HTML 5Page - Analog Devices AD9240 Datasheet HTML 6Page - Analog Devices AD9240 Datasheet HTML 7Page - Analog Devices AD9240 Datasheet HTML 8Page - Analog Devices AD9240 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AC SPECIFICATIONS
Parameter
AD9240
Units
SIGNAL-TO-NOISE AND DISTORTION RATIO (S/N+D)
fINPUT = 500 kHz
75.0
dB min
77.5
dB typ
fINPUT = 1.0 MHz
77.5
dB typ
fINPUT = 5.0 MHz
75.0
dB typ
EFFECTIVE NUMBER OF BITS (ENOB)
fINPUT = 500 kHz
12.2
Bits min
12.6
Bits typ
fINPUT = 1.0 MHz
12.6
Bits typ
fINPUT = 5.0 MHz
12.2
Bits typ
SIGNAL-TO-NOISE RATIO (SNR)
fINPUT = 500 kHz
76.0
dB min
78.5
dB typ
fINPUT = 1.0 MHz
78.5
dB typ
fINPUT = 5.0 MHz
78.5
dB typ
TOTAL HARMONIC DISTORTION (THD)
fINPUT = 500 kHz
–78.0
dB max
–85.0
dB typ
fINPUT = 1.0 MHz
–85.0
dB typ
fINPUT = 5.0 MHz
–77.0
dB typ
SPURIOUS FREE DYNAMIC RANGE
fINPUT = 500 kHz
90.0
dB typ
fINPUT = 1.0 MHz
90.0
dB typ
fINPUT = 5.0 MHz
80.0
dB typ
DYNAMIC PERFORMANCE
Full Power Bandwidth
70
MHz typ
Small Signal Bandwidth
70
MHz typ
Aperture Delay
1
ns typ
Aperture Jitter
4
ps rms typ
Acquisition to Full-Scale Step (0.0025%)
45
ns typ
Overvoltage Recovery Time
167
ns typ
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS
Parameters
Symbol
AD9240
Units
CLOCK INPUT
High Level Input Voltage
VIH
+3.5
V min
Low Level Input Voltage
VIL
+1.0
V max
High Level Input Current (VIN = DVDD)
IIH
±10
µA max
Low Level Input Current (VIN = 0 V)
IIL
±10
µA max
Input Capacitance
CIN
5
pF typ
LOGIC OUTPUTS (with DRVDD = 5 V)
High Level Output Voltage (IOH = 50 µA)
VOH
+4.5
V min
High Level Output Voltage (IOH = 0.5 mA)
VOH
+2.4
V min
Low Level Output Voltage (IOL = 1.6 mA)
VOL
+0.4
V max
Low Level Output Voltage (IOL = 50 µA)
VOL
+0.1
V max
Output Capacitance
COUT
5
pF typ
LOGIC OUTPUTS (with DRVDD = 3 V)
High Level Output Voltage (IOH = 50
µA)
VOH
+2.4
V min
Low Level Output Voltage (IOL = 50 µA)
VOL
+0.7
V max
Specifications subject to change without notice.
AD9240
REV. A
–3–
(AVDD = +5 V, DVDD= +5 V, DRVDD = +5 V, fSAMPLE = 10 MSPS, RBIAS = 2 k , VREF = 2.5 V, AIN = –0.5 dBFS,
AC Coupled/Differential Input, TMIN to TMAX unless otherwise noted)
(AVDD = +5 V, DVDD = +5 V, TMIN to TMAX unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com