Electronic Components Datasheet Search
  English  ▼

X  

AD9260 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9260
Description  High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9260 Datasheet HTML 4Page - Analog Devices AD9260 Datasheet HTML 5Page - Analog Devices AD9260 Datasheet HTML 6Page - Analog Devices AD9260 Datasheet HTML 7Page - Analog Devices AD9260 Datasheet HTML 8Page - Analog Devices AD9260 Datasheet HTML 9Page - Analog Devices AD9260 Datasheet HTML 10Page - Analog Devices AD9260 Datasheet HTML 11Page - Analog Devices AD9260 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
–8–
REV. B
AD9260–SPECIFICATIONS
DIGITAL SPECIFICATIONS
Parameter
AD9260
Units
CLOCK
1 AND LOGIC INPUTS
High-Level Input Voltage
(DVDD = +5 V)
+3.5
V min
(DVDD = +3 V)
+2.1
V max
Low-Level Input Voltage
(DVDD = +5 V)
+1.0
V min
(DVDD = +3 V)
+0.9
V max
High-Level Input Current (VIN = DVDD)
±10
µA max
Low-Level Input Current (VIN = 0 V)
±10
µA max
Input Capacitance
5
pF typ
LOGIC OUTPUTS (with DRVDD = 5 V)
High-Level Output Voltage (IOH = 50
µA)
+4.5
V min
High-Level Output Voltage (IOH = 0.5 mA)
+2.4
V min
Low-Level Output Voltage
2 (I
OL = 0.3 mA)
+0.4
V max
Low-Level Output Voltage (IOL = 50
µA)
+0.1
V max
Output Capacitance
5
pF typ
LOGIC OUTPUTS (with DRVDD = 3 V)
High-Level Output Voltage (IOH = 50
µA)
+2.4
V min
Low-Level Output Voltage (IOL = 50
µA)
+0.7
V max
NOTES
1Since CLK is referenced to AVDD, +5 V logic input levels only apply.
2The AD9260 is not guaranteed to meet V
OL = 0.4 V max for standard TTL load of I OL = 1.6 mA.
Specifications subject to change without notice.
ANALOG INPUT
INPUT CLOCK
DATA OUTPUT
DAV
S1
S2
tDS
tH
tCH
tCL
tDAV
tDI
tC
READ
CS
tOD
tOE
Figure 4a. Timing Diagram
INPUT CLOCK
RESET
DAV
tRES-DAV
tCLK-DAV
Figure 4b.
RESET Timing Diagram
(AVDD = +5 V, DVDD = +5 V, TMIN to TMAX unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com