Electronic Components Datasheet Search
  English  ▼

X  

AD9260 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9260
Description  High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9260 Datasheet HTML 28Page - Analog Devices AD9260 Datasheet HTML 29Page - Analog Devices AD9260 Datasheet HTML 30Page - Analog Devices AD9260 Datasheet HTML 31Page - Analog Devices AD9260 Datasheet HTML 32Page - Analog Devices AD9260 Datasheet HTML 33Page - Analog Devices AD9260 Datasheet HTML 34Page - Analog Devices AD9260 Datasheet HTML 35Page - Analog Devices AD9260 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AD9260
–33–
REV. B
AD817R
3
2
7
6
4
VCC2
C22
0.1 F
C23
10 F
+
R32
390
RX4
XXX
CX4
XXX
R34
390
RX3
XXX
C25
0.1 F
IKPOT
R35
1k
JP12
9260CML
U10
AD9632
3
2
8
7
6
5
4
VCC2
VEE
R26
390
U9
R25
390
JP17
AD9632
3
2
8
7
6
5
4
VCC2
VEE
R20
390
U8
JP16
R24
390
R23
390
R17
390
R19
390
C20
0.1 F
R18
390
R48
50
R46
50
C26
100pF
R49
50
VINB
C24
100pF
R47
50
VINA
C16
100pF
R16
390
R14
50
R22
390
C9
TBD
JP8
R21
390
R1
57.6
R15
57.6
J6
J7
IN-2
IN-1
AD9632
2
3
5
4
6
8
7
VEE
VCC2
U7
Figure 72. Evaluation Board Input Configuration Block
C39
0.01 F
C38
0.1 F
R41
R40
L3
C37
0.1 F
C36
10 F
+
C43
0.01 F
C42
0.1 F
R43
R42
L4
C41
0.1 F
C40
10 F
+
C47
0.01 F
C46
0.1 F
R45
R44
L5
C45
0.1 F
C44
10 F
+
P4:+5V
1
P4
2
C35
0.01 F
C34
0.1 F
R39
R38
L2
C33
0.1 F
C32
22 F
+
P3
2
P3:D5
1
EVALUATION BOARD POWER SUPPLY CONFIGURATION
P2:VDD
1
C28
47 F
+
R37
R36
L2
C29
0.1 F
P2
2
C30
0.1 F
C31
0.1 F
C64
0.1 F
C48
0.1 F
C49
0.1 F
C50
0.1 F
VEE
VEE
VEE
VCC2
VCC2
VCC2
U7
U8
U9
U7
U8
U9
DEVICE SUPPLY DECOUPLING
FLAVDD
MDAVDD
INVDD
DVDD
DRVDD
P5:+5AUX
1
C27
47 F
+
R51
R50
L6
C55
0.1 F
P5
2
VCC2
P5:–5AUX
1
C56
47 F
+
R53
R52
L7
C57
0.1 F
P5
2
VEE
C51
0.1 F
C52
0.1 F
C53
0.1 F
C54
0.1 F
VCC2
DRVDD
DRVDD
DRVDD
U10
U2
U3
U4
Figure 73. Evaluation Board Power Supply Configuration and Coupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com