Electronic Components Datasheet Search
  English  ▼

X  

AD9283 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9283
Description  8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9283 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9283 Datasheet HTML 2Page - Analog Devices AD9283 Datasheet HTML 3Page - Analog Devices AD9283 Datasheet HTML 4Page - Analog Devices AD9283 Datasheet HTML 5Page - Analog Devices AD9283 Datasheet HTML 6Page - Analog Devices AD9283 Datasheet HTML 7Page - Analog Devices AD9283 Datasheet HTML 8Page - Analog Devices AD9283 Datasheet HTML 9Page - Analog Devices AD9283 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD9283
–6–
REV. B
FREQUENCY
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
ENCODE = 100 MSPS
AIN = 10.3MHz
SNR = 46.5dB
SINAD = 45dB
2nd = 57dBc
3rd = 54.5dBc
Figure 7. Spectrum: fS = 100 MSPS, fIN = 10.3 MHz
FREQUENCY
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
ENCODE = 100 MSPS
AIN = 41MHz
SNR = 46.5dB
SINAD = 45dB
2nd = 58dBc
3rd = 52.5dBc
Figure 8. Spectrum: fS = 100 MSPS, fIN = 40 MHz
FREQUENCY
0
–90
ENCODE = 100 MSPS
AIN = 76MHz
SNR = 46dB
SINAD = 42.5dB
2nd = 46dBc
3rd = 53dBc
–80
–70
–60
–50
–40
–30
–20
–10
Figure 9. Spectrum: fS = 100 MSPS, fIN = 76 MHz
FREQUENCY – AIN
10
20
30
40
50
60
80
100
70
65
45
40
30
55
50
60
2ND
3RD
35
ENCODE = 100 MSPS
Figure 10. Harmonic Distortion vs. AIN Frequency
FREQUENCY
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
ENCODE = 100 MSPS
AIN1 = 9MHz
AIN2 = 10MHz
IMD = 52dBc
Figure 11. Two-Tone Intermodulation Distortion
FREQUENCY
10
20
30
40
50
60
80
90
55
45
40
35
30
50
100
SNR
SINAD
ENCODE = 100 MSPS
Figure 12. SINAD/SNR vs. AIN Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com