Electronic Components Datasheet Search
  English  ▼

X  

AD9283 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9283
Description  8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9283 Datasheet(HTML) 4 Page - Analog Devices

  AD9283 Datasheet HTML 1Page - Analog Devices AD9283 Datasheet HTML 2Page - Analog Devices AD9283 Datasheet HTML 3Page - Analog Devices AD9283 Datasheet HTML 4Page - Analog Devices AD9283 Datasheet HTML 5Page - Analog Devices AD9283 Datasheet HTML 6Page - Analog Devices AD9283 Datasheet HTML 7Page - Analog Devices AD9283 Datasheet HTML 8Page - Analog Devices AD9283 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD9283
–4–
REV. B
EXPLANATION OF TEST LEVELS
Test Level
I
100% production tested.
II
100% production tested at +25
°C and sample tested at
specified temperatures.
III Sample tested only.
IV Parameter is guaranteed by design and characterization
testing.
V
Parameter is a typical value only.
VI 100% production tested at +25
°C; guaranteed by design
and characterization testing for industrial temperature
range; 100% production tested at temperature extremes for
military devices.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
AD9283
ENCODE
GND
VD
VREF OUT
VREF IN
GND
AIN
VD
D7 (MSB)
D6
D5
D1
D2
D3
D4
VDD
GND
PWRDWN
D0 (LSB)
AIN
PIN FUNCTION DESCRIPTIONS
Pin Number
Name
Function
1
PWRDWN
Power-down function select; Logic HIGH for power-down mode (digital outputs go to
high impedance state).
2
VREF OUT
Internal Reference Output (+1.25 V typ); Bypass with 0.1
µF to Ground.
3
VREF IN
Reference Input for ADC (+1.25 V typ).
4, 9, 16
GND
Ground.
5, 8
VD
Analog +3 V Power Supply.
6AIN
Analog Input for ADC (Can be left open if operating in single-ended mode, but recom-
mend connection to a 0.1
µF capacitor and a 25 Ω resistor in series to ground for better
input matching).
7AIN
Analog Input for ADC
10
ENCODE
Encode Clock for ADC (ADC samples on rising edge of ENCODE).
11–14, 17–20
D7–D4, D3–D0
Digital Outputs of ADC.
15
VDD
Digital output power supply. Nominally +2.5 V to +3.6 V.
Table I. Output Coding (VREF = +1.25 V)
Step
AIN–AIN
Digital Output
255
0.512
1111 1111
•
•
•
•
•
•
128
0.002
1000 0000
127
–0.002
0111 1111
•
•
•
•
•
•
0
–0.512
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com