Electronic Components Datasheet Search
  English  ▼

X  

AD9483 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9483
Description  Triple 8-Bit, 140 MSPS A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9483 Datasheet(HTML) 1 Page - Analog Devices

  AD9483 Datasheet HTML 1Page - Analog Devices AD9483 Datasheet HTML 2Page - Analog Devices AD9483 Datasheet HTML 3Page - Analog Devices AD9483 Datasheet HTML 4Page - Analog Devices AD9483 Datasheet HTML 5Page - Analog Devices AD9483 Datasheet HTML 6Page - Analog Devices AD9483 Datasheet HTML 7Page - Analog Devices AD9483 Datasheet HTML 8Page - Analog Devices AD9483 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9483
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
Triple 8-Bit, 140 MSPS
A/D Converter
FUNCTIONAL BLOCK DIAGRAM
8
T/H
QUANTIZER
AD9483
TIMING
R AIN
R AIN
G AIN
G AIN
B AIN
B AIN
ENCODE
ENCODE
DS
DS
VREF
OUT
RVREF
IN
GVREF
IN
BVREF
IN
VCC VDD GND
PD
I/P
OMS
CLKOUT
CLKOUT
DBB7-0
DBA7-0
DGB7-0
DGA7-0
DRB7-0
DRA7-0
8
T/H
QUANTIZER
8
T/H
QUANTIZER
CONTROL
+2.5V
FEATURES
140 MSPS Guaranteed Conversion Rate
100 MSPS Low Cost Version Available
330 MHz Analog Bandwidth
1 V p-p Analog Input Range
Internal +2.5 V Reference
Differential or Single-Ended Clock Input
3.3 V/5.0 V Three-State CMOS Outputs
Single or Demultiplexed Output Ports
Data Clock Output Provided
Low Power: 1.0 W Typical
+5 V Converter Power Supply
APPLICATIONS
RGB Graphics Processing
High Resolution Video
LCD Monitors and Projectors
Micromirror Projectors
Plasma Display Panels
Scan Converters
GENERAL DESCRIPTION
The AD9483 is a triple 8-bit monolithic analog-to-digital
converter optimized for digitizing RGB graphics signals from
personal computers and workstations. Its 140 MSPS encode
rate capability and full-power analog bandwidth of 330 MHz
supports display resolutions of up to 1280
× 1024 at 75 Hz with
sufficient input bandwidth to accurately acquire and digitize
each pixel.
To minimize system cost and power dissipation, the AD9483
includes an internal +2.5 V reference and track-and-hold cir-
cuit. The user provides only a +5 V power supply and an en-
code clock. No external reference or driver components are
required for many applications. The digital outputs are three-
state CMOS outputs. Separate output power supply pins sup-
port interfacing with 3.3 V or 5 V logic.
The AD9483’s encode input interfaces directly to TTL, CMOS,
or positive-ECL logic and will operate with single-ended or
differential inputs. The user may select dual channel or single
channel digital outputs. The Dual Channel (demultiplexed)
mode interleaves ADC data through two 8-bit channels at one-
half the clock rate. Operation in Dual Channel mode reduces
the speed and cost of external digital interfaces while allowing
the ADCs to be clocked to the full 140 MSPS conversion rate.
In the Single Channel mode, all data is piped at the full clock
rate to the Channel A outputs and the ADCs conversion rate is
limited to 100 MSPS. A data clock output is provided at the
Channel A output data rate for both Dual-Channel or Single-
Channel output modes.
Fabricated in an advanced BiCMOS process, the AD9483 is
provided in a space-saving 100-lead MQFP surface mount plas-
tic package (S-100) and is specified over the 0
°C to +85°C
temperature range.


Similar Part No. - AD9483

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9483 AD-AD9483_15 Datasheet
398Kb / 28P
Triple 8-Bit, 140 MSPS A/D Converter
REV. C
More results

Similar Description - AD9483

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
6-BIT 140 MSPS FLASH A/D CONVERTER
logo
fujitsu semiconductor
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
8-bit 140 MSPS A/D Converter
MB40C318V FUJITSU-MB40C318V Datasheet
171Kb / 16P
8-bit 140 MSPS A/D Converter
logo
Intersil Corporation
HI1826 INTERSIL-HI1826 Datasheet
52Kb / 8P
6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3026A INTERSIL-HI3026A Datasheet
206Kb / 17P
8-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3026A INTERSIL-HI3026A_03 Datasheet
724Kb / 17P
8-Bit, 140 MSPS, Flash A/D Converter
March 2003
logo
Analog Devices
AD9483 AD-AD9483_15 Datasheet
398Kb / 28P
Triple 8-Bit, 140 MSPS A/D Converter
REV. C
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com