Electronic Components Datasheet Search
  English  ▼

X  

AD9483 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9483
Description  Triple 8-Bit, 140 MSPS A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9483 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9483 Datasheet HTML 7Page - Analog Devices AD9483 Datasheet HTML 8Page - Analog Devices AD9483 Datasheet HTML 9Page - Analog Devices AD9483 Datasheet HTML 10Page - Analog Devices AD9483 Datasheet HTML 11Page - Analog Devices AD9483 Datasheet HTML 12Page - Analog Devices AD9483 Datasheet HTML 13Page - Analog Devices AD9483 Datasheet HTML 14Page - Analog Devices AD9483 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
AD9483
–11–
REV. A
fS – MSPS
0
30
30
60
140
180
34
38
42
46
50
100
SNR
SINAD
32
36
40
44
48
Figure 22. SNR vs. fS: fIN = 19.7 MHz
3RD HARMONIC
2ND HARMONIC
fS – MSPS
0
25
50
130
170
–75
90
–70
–65
–60
–55
–50
Figure 23. Harmonic Distortion vs. fS: fIN = 19.7 MHz
MHz
0
–90
10
20
30
40
50
60
70
80
90
100
–80
–70
–60
–50
–40
–30
–20
–10
0
FUNDAMENTAL = –0.5dBFS
SNR = 45.8dB
SINAD = 45.2dB
2ND HARMONIC = 69.8dB
3RD HARMONIC = 61.6dB
Figure 24. Spectrum: fS = 140 MSPS, fIN = 19.57 MHz
SNR
SINAD
fS – MSPS
0
30
20
140
180
34
38
42
46
50
32
36
40
44
48
40
60
80
100
120
160
200
Figure 25. SNR vs fS: fIN = 71.7 MHz
3RD HARMONIC
2ND HARMONIC
fS – MSPS
0
–36
40
80
155
175
120
–38
–40
–42
–44
–46
–48
–50
–52
–54
–56
Figure 26. Harmonic Distortion vs fS: fIN = 71.7 MHz
MHz
0
–90
10
20
30
40
50
60
70
80
90
100
–80
–70
–60
–50
–40
–30
–20
–10
0
FUNDAMENTAL = –0.5dBFS
SNR = 44.6dB
SINAD = 37.6dB
2ND HARMONIC = 63.1dB
3RD HARMONIC = 39.1dB
Figure 27. Spectrum: fS = 140 MSPS, fIN = 70.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com