Electronic Components Datasheet Search
  English  ▼

X  

AD9500 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9500
Description  Digitally Programmable Delay Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9500 Datasheet(HTML) 3 Page - Analog Devices

  AD9500 Datasheet HTML 1Page - Analog Devices AD9500 Datasheet HTML 2Page - Analog Devices AD9500 Datasheet HTML 3Page - Analog Devices AD9500 Datasheet HTML 4Page - Analog Devices AD9500 Datasheet HTML 5Page - Analog Devices AD9500 Datasheet HTML 6Page - Analog Devices AD9500 Datasheet HTML 7Page - Analog Devices AD9500 Datasheet HTML 8Page - Analog Devices AD9500 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
–25 C to +85 C
–55 C to +125 C
Test
AD9500BP/BQ
AD9500TE/TQ
Parameter
Level
Temp
Min
Typ
Max
Min
Typ
Max
Units
SUPPORT FUNCTIONS
ECLREF
IV
+25
°C
–1.4
–1.3
–1.2
–1.4
–1.3
–1.2
V
ECLREF Voltage Drift
14
V
Full
1.1
1.1
mV/
°C
Offset Adjust Range
V
Full
–2
–2
mA
DIGITAL OUTPUTS7
Logic “1” Voltage
VI
Full
–1.1
–1.1
V
Logic “0” Voltage
VI
Full
–1.5
–1.5
V
POWER SUPPLY
15
Positive Supply Current (+5.0 V)
I
+25
°C
2428
2428
mA
VI
Full
30
30
mA
Negative Supply Current (–5.2 V)
I
+25
°C
3742
3742
mA
VI
Full
44
44
mA
Nominal Power Dissipation
V
+25
°C
312
312
mW
Power Supply Rejection Ratio
16
Full-Scale Range Sensitivity
I
+25
°C
70
300
70
300
ps/V
Minimum Propagation Delay
Sensitivity
I
+25
°C
150
500
150
500
ps/V
NOTES
1Absolute maximum ratings are limiting values, to be applied individually, and beyond which serviceability of the circuit may be impaired. Functional operability under
any of these conditions is not necessarily implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
2Typical thermal impedance
24-Lead Cerdip
θJA = 56°C/W; θJC = 16°C/W
28-Leadless PLCC (Plastic)
θJA = 60°C/W; θJC = 22°C/W
28-Leaded Ceramic LCC
θJA = 69°C/W; θJC = 25°C/W
3R
SET = 10 k
Ω (Full-scale delay = 100 ns).
4The digital data inputs must remain stable for the specified time prior to the LATCH ENABLE signal.
5The digital data inputs must remain stable for the specified time after the LATCH ENABLE signal.
6The TRIGGER and RESET inputs are differential and must be driven relative to one another. Both of these inputs are ECL compatible, but can also be used with
TTL logic families in a limited fashion.
7Outputs terminated through 50
Ω resistors to –2.0 V.
8Program Delay = 0.0 ps (Digital Data = 00
H). In Operation, any programmed delays are in addition to the Minimum Propagation Delay.
9Change in total delay through AD9500, exclusive of changes in minimum propagation delay t
PD.
10Measured from the 50% transition point of the reset signal input, to the 50% transition point of the resetting output.
11Minimum time from falling edge of RESET to triggering input, to ensure a valid output event.
12Minimum time from triggering event to rising edge of RESET, to ensure a valid output event.
13Measured from the LATCH ENABLE input to the point when the AD9500 becomes 8-bit accurate again, after a full-scale change in the programmed delay.
14Standard 10K and 10KH ECL families operate with a 1.1 mV/
°C drift by design.
15Supply voltages should remain stable within
±5% for normal operation.
16Measured at
± 5% of –V
S and +VS.
Specifications subject to change without notice.
EXPLANATION OF TEST LEVELS
Test Level
I
– 100% production tested.
II – 100% production tested at +25
°C, and sample tested at
specified temperatures.
III – Periodically sample tested.
IV – Parameter is guaranteed by design and characterization
testing.
V
– Parameter is a typical value only.
VI – All devices are 100% production tested at +25
°C. 100%
production tested at temperature extremes for extended
temperature devices; sample tested at temperature ex-
tremes for commercial/industrial devices.
ORDERING GUIDE
Temperature
Package
Package
Model
Ranges
Descriptions
Options
AD9500BP –25
°C to +85°C 28-Leadless PLCC (Plastic),
Industrial Temperature
P-28A
AD9500BQ –25
°C to +85°C 24-Lead Cerdip,
Industrial Temperature
Q-24
AD9500TE –55
°C to +125°C 28-Leaded LCC,
Extended Temperature
E-28A
AD9500TQ –55
°C to +125°C 24-Lead Cerdip,
Extended Temperature
Q-24
AD9500
–3–
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com