Electronic Components Datasheet Search
  English  ▼

X  

AD9500 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9500
Description  Digitally Programmable Delay Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9500 Datasheet(HTML) 4 Page - Analog Devices

  AD9500 Datasheet HTML 1Page - Analog Devices AD9500 Datasheet HTML 2Page - Analog Devices AD9500 Datasheet HTML 3Page - Analog Devices AD9500 Datasheet HTML 4Page - Analog Devices AD9500 Datasheet HTML 5Page - Analog Devices AD9500 Datasheet HTML 6Page - Analog Devices AD9500 Datasheet HTML 7Page - Analog Devices AD9500 Datasheet HTML 8Page - Analog Devices AD9500 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AD9500
–4–
REV. D
PIN FUNCTION DESCRIPTIONS
Pin Name
Description
D4–D6
One of eight digital inputs used to set the programmed delay.
D7 (MSB)
One of eight digital inputs used to set the programmed delay. D7 (MSB) is the most significant bit of the
digital input word.
ECLREF
ECL midpoint reference, nominally –1.3 V. Use of the ECL REF allows either of the TRIGGER or RESET
inputs to be configured for single-ended ECL inputs.
OFFSET ADJUST
The OFFSET ADJUST is used to adjust the minimum propagation delay (tPD), by pulling or pushing a
small current out of or into the pin.
CS
CS allows the full-scale range to be extended by using an external timing capacitor. The value of CEXT,
connected between CS and +VS, may range from no external capacitance to 0.1
µF+.
See RS (CINTERNAL = 10 pF).
+VS
Positive supply terminal, nominally +5.0 V.
TRIGGER
Noninverted input of the edge-sensitive differential trigger input stage. The output at Q will be delayed by
the programmed delay, after the triggering event. The programmed delay is set by the digital input word.
The TRIGGER input must be driven in conjunction with the
TRIGGER input.
TRIGGER
Inverted input of the edge-sensitive differential trigger input stage. The output at Q will be delayed by the
programmed delay, after the triggering event. The programmed delay is set by the digital input word. The
TRIGGER input must be driven in conjunction with the TRIGGER input.
RESET
Inverted input of the level-sensitive differential reset input stage. The output at Q will be reset after a signal
is received at the reset inputs. In the “minimum configuration,” the minimum output pulsewidth will be
equal to the “reset propagation delay,” tRD. The RESET input must be driven in conjunction with the
RESET input.
RESET
Noninverted input of the level-sensitive differential reset input stage. The output at Q will be reset after a
signal is received at the reset inputs. In the “minimum configuration,” the minimum output pulsewidth will
be equal to the “reset propagation delay,” tRD. The RESET input must be driven in conjunction with the
RESET input.
Q
One of two complementary ECL outputs. A “triggering” event at the inputs will produce a logic HIGH on
the Q output. A “resetting” event at the inputs will produce a logic LOW on the Q output.
Q
One of two complementary ECL outputs. A “triggering” event at the inputs will produce a logic LOW on
the
Q output. A “resetting” event at the inputs will produce a logic HIGH on the Q output.
Q
R
Q
R
output is parallel to the
Q output. The Q
R
output is typically used to drive delaying circuits for extend-
ing output pulsewidths. A “triggering” event at the inputs will produce a logic LOW on the Q
R
output. A
“resetting” event at the inputs will produce a logic HIGH on the Q
R
output.
ECL COMMON
The collector common for the ECL output stage. The collector common may be tied to +5.0 V, but nor-
mally it is tied to the circuit ground for standard ECL outputs.
–VS
Negative supply terminal, nominally –5.2 V.
RS
RS is the reference current setting terminal. An external setting resistor, RSET, connected between RS and
–VS determines the internal reference current. See CS (250 Ω ≤ RSET ≤ 50 kΩ).
GROUND
The ground return for the TTL and analog inputs.
LATCH ENABLE
Transparent TTL latch control line. A logic HIGH on the LATCH ENABLE freezes the digital code at the
logic inputs. A logic LOW on the LATCH ENABLE allows the internal current levels to be continuously
updated through the logic inputs D0 thru D7.
D0 (LSB)
One of eight digital inputs used to set the programmed delay. D0 (LSB) is the least significant bit of the
digital input word.
D3–D1
One of eight digital inputs used to set the programmed delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com