Electronic Components Datasheet Search
  English  ▼

X  

B4302 Datasheet(PDF) 8 Page - EPCOS

Part # B4302
Description  Low-loss RF filter for mobile telephone
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4302 Datasheet(HTML) 8 Page - EPCOS

Back Button B4302 Datasheet HTML 2Page - EPCOS B4302 Datasheet HTML 3Page - EPCOS B4302 Datasheet HTML 4Page - EPCOS B4302 Datasheet HTML 5Page - EPCOS B4302 Datasheet HTML 6Page - EPCOS B4302 Datasheet HTML 7Page - EPCOS B4302 Datasheet HTML 8Page - EPCOS B4302 Datasheet HTML 9Page - EPCOS B4302 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
February 01, 2012
B4302
2140.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx filter
Data sheet
ESD protection of SAW filters
SAW filters are Electro Static Discharge sensitive devices. To reduce the probability of damages
caused by ESD, special matching topologies have to be applied.
In general, “ESD matching” has to be ensured at that filter port, where electrostatic discharge is
expected.
Electrostatic discharges predominantly appear at the antenna input of RF receivers. Therefore
only the input matching of the SAW filter has to be designed to short circuit or to block the ESD
pulse.
Below three figures show recommended “ESD matching” topologies.
For wideband filters the high-pass ESD matching structure needs to be at least of 3rd order to
ensure a proper matching for any impedance value of antenna and SAW filter input. The required
component values have to be determined from case to case.
Fig. 1 MLC varistor plus ESD matching
Fig. 2 Suppressor diode plus ESD matching
In cases where minor ESD occur, following simplified “ESD matching” topologies can be used
alternatively.
Fig. 3 3rd order high-pass structure for basic ESD protection
In all three figures the shunt inductor Lp2 could be replaced by a shorted microstrip with proper
length and width. If this configuration is possible depends on the operating frequency and
available pcb space.
Effectiveness of the applied ESD protection has to be checked according to relevant industry
standards or customer specific requirements
For further information, please refer to EPCOS Application report:
“ESD protection for SAW filters”.
This report can be found under www.epcos.com/rke.Click on “Applications Notes”.
Cs1
Lp2
Cs3
to output
matching
Lp2
Cs3
Cs1
to output
matching
Lp2
Cs3
Cs1
to output
matching



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com