Electronic Components Datasheet Search
  English  ▼

X  

B4302 Datasheet(PDF) 4 Page - EPCOS

Part # B4302
Description  Low-loss RF filter for mobile telephone
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4302 Datasheet(HTML) 4 Page - EPCOS

  B4302 Datasheet HTML 1Page - EPCOS B4302 Datasheet HTML 2Page - EPCOS B4302 Datasheet HTML 3Page - EPCOS B4302 Datasheet HTML 4Page - EPCOS B4302 Datasheet HTML 5Page - EPCOS B4302 Datasheet HTML 6Page - EPCOS B4302 Datasheet HTML 7Page - EPCOS B4302 Datasheet HTML 8Page - EPCOS B4302 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
February 01, 2012
B4302
2140.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx filter
Data sheet
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 150 Ω || 18 nH (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
2140.0
—
MHz
Maximum insertion attenuation
α
max
2110.0
... 2170.0
MHz
—
1.9
3.5
dB
Amplitude ripple (p-p)
∆α
2110.0
... 2170.0
MHz
—
0.7
2.4
dB
VSWR
Input
2110.0
... 2170.0
MHz
—
2.0
2.6
Output
2110.0
... 2170.0
MHz
—
2.0
2.6
CMRR (|S21-S31| / |S21+S31|)
2110.0
... 2170.0
MHz
171)
1) A CMRR of 19.6 dB corresponds to a phase imbalance of +/-10˚ together with an amplitude imbalance of
+/- 1.0 dB.
22
—
Attenuation
α
10.0
... 1920.0
MHz
35
41
—
dB
1920.0
... 1980.0
MHz
44
49
—
dB
1980.0
... 2025.0
MHz
30
34
—
dB
2025.0
... 2050.0
MHz
18
32
—
dB
2230.0
... 2300.0
MHz
18
25
—
dB
2300.0
... 2360.0
MHz
22
28
—
dB
2360.0
... 4220.0
MHz
28
33
—
dB
4220.0
... 4340.0
MHz
35
54
—
dB
4340.0
... 6000.0
MHz
30
46
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com