Electronic Components Datasheet Search
  English  ▼

X  

B5233 Datasheet(PDF) 3 Page - EPCOS

Part # B5233
Description  Low-loss IF filter for GSM applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5233 Datasheet(HTML) 3 Page - EPCOS

  B5233 Datasheet HTML 1Page - EPCOS B5233 Datasheet HTML 2Page - EPCOS B5233 Datasheet HTML 3Page - EPCOS B5233 Datasheet HTML 4Page - EPCOS B5233 Datasheet HTML 5Page - EPCOS B5233 Datasheet HTML 6Page - EPCOS B5233 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Jun 30, 2011
B5233
138.2 MHz
SAW Components
SAW IF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –40 to 85 ˚C
Terminating source impedance:
ZS = 200 Ω balanced and matching network
Terminating load impedance:
ZL = 200 Ω balanced and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
138.2
—
MHz
Minimum insertion attenuation
(including matching network)
α
min
—
10.4
12
dB
Passband width
α
rel < 1.2 dB
Β
1.2dB
35.0
41
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 17.6 MHz
—
0.7
1.4
dB
Group delay ripple (p-p)
∆τ
fN ± 17.6 MHz
—
30
100
ns
Relative attenuation (relative to
α
min)
α
rel
28.00 MHz ... 64.00 MHz
40
58
—
dB
212.0 MHz ... 464.0 MHz
40
44
—
dB
464.0 MHz ...
3000 MHz
45
60
—
dB
Average group delay
τ
mean
fN ± 17.6 MHz
—
0.540
1.0
µs
Temperature coefficient of frequency
TCf
—
-75
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com