Electronic Components Datasheet Search
  English  ▼

X  

B5233 Datasheet(PDF) 4 Page - EPCOS

Part # B5233
Description  Low-loss IF filter for GSM applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5233 Datasheet(HTML) 4 Page - EPCOS

  B5233 Datasheet HTML 1Page - EPCOS B5233 Datasheet HTML 2Page - EPCOS B5233 Datasheet HTML 3Page - EPCOS B5233 Datasheet HTML 4Page - EPCOS B5233 Datasheet HTML 5Page - EPCOS B5233 Datasheet HTML 6Page - EPCOS B5233 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Jun 30, 2011
B5233
138.2 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data Sheet
Matching network to 200
Ω balanced input - 200 Ω balanced output
(Element values depend upon PCB properties and layout)
Maximum ratings
Operable temperature range
T
–40/+85
˚C
Storage temperature range
Tstg
–55/+125 ˚C
DC voltage
VDC
0
V
Input power at 120.6-155.8 MHz
PIN
20
dBm
CW
200
Ω
Ls1 = 100 nH
Lp1 = 120 nH
Ls2 = 47 nH
Lp2 = 120 nH
Ls1
Ls1
Lp1
Ls2
Ls2
Lp2
200
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com