Electronic Components Datasheet Search
  English  ▼

X  

AD9732 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9732
Description  10-Bit, 200 MSPS D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9732 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9732 Datasheet HTML 3Page - Analog Devices AD9732 Datasheet HTML 4Page - Analog Devices AD9732 Datasheet HTML 5Page - Analog Devices AD9732 Datasheet HTML 6Page - Analog Devices AD9732 Datasheet HTML 7Page - Analog Devices AD9732 Datasheet HTML 8Page - Analog Devices AD9732 Datasheet HTML 9Page - Analog Devices AD9732 Datasheet HTML 10Page - Analog Devices AD9732 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AD9732
–8–
REV. A
0
–60
–100
START 0Hz
STOP 100MHz
10MHz/
–10
–50
–70
–90
–30
–40
–80
–20
ENCODE = 200MHz
AOUT = 65MHz
SPAN = 200MHz
SFDR = 45dB
1
1
Figure 14. Wideband SFDR 65 MHz AOUT; 200 MHz Clock
0
–60
–100
START 0Hz
STOP 100MHz
10MHz/
–10
–50
–70
–90
–30
–40
–80
–20
ENCODE = 200MHz
AOUT = 80MHz
SPAN = 100MHz
SFDR = 43dB
1
1
Figure 15. Wideband SFDR 80 MHz AOUT; 200 MHz Clock
1
START 0Hz
STOP 2MHz
200MHz/
0
–60
–100
–10
–50
–70
–90
–30
–40
–80
–20
ENCODE = 125MHz
AOUT1 = 800kHz
AOUT2 = 900kHz
SPAN = 2MHz
IMD = 61dB
1
Figure 16. Wideband Intermodulation Distortion F1 =
800 kHz; F2 = 900 kHz; 125 MHz Clock; Span = 2 MHz
0
–60
–100
START 0Hz
STOP 62.5MHz
6.25MHz/
–10
–50
–70
–90
–30
–40
–80
–20
ENCODE = 125MHz
AOUT1 = 800kHz
AOUT2 = 900kHz
SPAN = 62.5MHz
IMD = 69dB
1
1
Figure 17. Wideband Intermodulation Distortion F1 =
800 kHz; F2 = 900 kHz; 125 MHz Clock; Span = 62.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com