Electronic Components Datasheet Search
  English  ▼

X  

AD9732 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9732
Description  10-Bit, 200 MSPS D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9732 Datasheet(HTML) 1 Page - Analog Devices

  AD9732 Datasheet HTML 1Page - Analog Devices AD9732 Datasheet HTML 2Page - Analog Devices AD9732 Datasheet HTML 3Page - Analog Devices AD9732 Datasheet HTML 4Page - Analog Devices AD9732 Datasheet HTML 5Page - Analog Devices AD9732 Datasheet HTML 6Page - Analog Devices AD9732 Datasheet HTML 7Page - Analog Devices AD9732 Datasheet HTML 8Page - Analog Devices AD9732 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9732
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
10-Bit, 200 MSPS
D/A Converter
FUNCTIONAL BLOCK DIAGRAM
CONTROL
AMP
INTERNAL
VOLTAGE
REFERENCE
AD9732
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
CLOCK
RSET
DIGITAL
+VS
CONTROL
AMP IN
REFOUT
CONTROL
AMP OUT
REFIN
IOUT
IOUT
ANALOG
RETURN
TTL
DRIVE
LOGIC
FEATURES
200 MSPS Throughput Rate
3.3 V PECL Digital Input
65 dB SFDR @ 2 MHz AOUT, 200 MSPS/54 dB @ 40 MHz
AOUT, 200 MSPS
Low Power: 305 mW
Fast Settling: 5 ns to 1/2 LSB
Low Glitch Energy: 6 pVs
Internal Reference
28-Lead SSOP Packaging
APPLICATIONS
Digital Communications
Direct Digital Synthesis
Waveform Reconstruction
High Speed Imaging
GENERAL DESCRIPTION
The AD9732 is a 10-bit, 200 MSPS, bipolar D/A converter that
is optimized to provide high dynamic performance, yet offers
lower power dissipation and a more economical price than pre-
vious high speed DAC solutions. The AD9732 was primarily
designed for demanding communications systems applications
where maximum spurious-free dynamic range (SFDR) is required
at high throughput rates. The proliferation of digital communi-
cations into base station and high volume subscriber-end mar-
kets has created a demand for high performance bipolar DACs
delivered at CMOS associated levels of power dissipation and
cost. The AD9732 is the answer to that demand.
Optimized for direct digital synthesis (DDS) and digital modu-
lator waveform reconstruction, the AD9732 provides >50 dB of
wideband harmonic suppression over the dc to 80 MHz analog
output bandwidth. This signal bandwidth addresses the transmit
spectrum in many of the emerging digital communications ap-
plications where signal purity is critical. Narrowband (
±1 MHz
window), the AD9732 provides an SFDR of greater than 75 dB.
This level of wideband and narrowband ac performance, coupled
with its 200 MSPS throughput rate, enables the AD9732 to
present outstanding value in the high speed DAC function.
The AD9732 is packaged in a 28-lead SSOP and is specified to
operate over the extended industrial temperature range of –40
°C
to +85
°C. Digital inputs and clock are positive-ECL compatible.


Similar Part No. - AD9732

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9732 AD-AD9732_15 Datasheet
148Kb / 11P
10-Bit, 200 MSPS D/A Converter
REV. A
More results

Similar Description - AD9732

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
8-Bit, 200 MSPS A/D Converter
REV.0
AD9054A AD-AD9054A Datasheet
332Kb / 19P
8-Bit, 200 MSPS A/D Converter
REV.B
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
10-Bit, 40 MSPS A/D Converter
August 1997
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9411 AD-AD9411 Datasheet
968Kb / 28P
10-Bit, 170/200 MSPS 3.3 V A/D Converter
7/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9211 AD-AD9211 Datasheet
296Kb / 21P
10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054A AD-AD9054A_15 Datasheet
331Kb / 20P
8-Bit, 200 MSPS A/D Converter
REV. D
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9732 AD-AD9732_15 Datasheet
148Kb / 11P
10-Bit, 200 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com