Electronic Components Datasheet Search
  English  ▼

X  

AD9742 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9742
Description  12-Bit, 165 MSPS TxDAC D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9742 Datasheet HTML 3Page - Analog Devices AD9742 Datasheet HTML 4Page - Analog Devices AD9742 Datasheet HTML 5Page - Analog Devices AD9742 Datasheet HTML 6Page - Analog Devices AD9742 Datasheet HTML 7Page - Analog Devices AD9742 Datasheet HTML 8Page - Analog Devices AD9742 Datasheet HTML 9Page - Analog Devices AD9742 Datasheet HTML 10Page - Analog Devices AD9742 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
–7–
Typical Performance Characteristics–AD9742
fOUT – MHz
45
110
100
65MSPS
125MSPS
165MSPS
50
55
60
65
70
75
80
85
90
95
TPC 1. SFDR vs. fOUT @ 0 dBFS
060
10
45
50
55
60
65
70
75
80
85
90
95
fOUT – MHz
40
30
20
50
–6dBFS
0dBFS
–12dBFS
TPC 4. SFDR vs. fOUT @ 165 MSPS
–20
–15
–25
–10
–5
0
AOUT – dBFS
45
50
55
60
65
70
75
80
85
90
95
65MSPS
125MSPS
165MSPS
TPC 7. Single-Tone SFDR vs.
AOUT @ fOUT = fCLOCK/5
05
25
10
15
20
45
50
55
60
65
70
75
80
85
90
95
0dBFS
fOUT – MHz
–6dBFS
–12dBFS
TPC 2. SFDR vs. fOUT @ 65 MSPS
05
25
10
15
20
45
50
55
60
65
70
75
80
85
90
95
fOUT – MHz
20mA
10mA
5mA
TPC 5. SFDR vs. fOUT and IOUTFS
@ 65 MSPS and 0 dBFS
90
110
70
130
150
170
60
65
70
75
85
90
20mA
fCLOCK – MSPS
10mA
5mA
50
80
TPC 8. SNR vs. fCLOCK and
IOUTFS @ fOUT = 5 MHz and 0 dBFS
05
45
10
15
35
45
50
55
60
65
70
75
80
85
90
95
0dBFS
–6dBFS
–12dBFS
fOUT – MHz
40
30
20
25
TPC 3. SFDR vs. fOUT @ 125 MSPS
45
50
55
60
65
70
75
80
85
90
95
0
–5
–25
–10
–15
–20
AOUT – dBFS
65MSPS
125MSPS
165MSPS
TPC 6. Single-Tone SFDR vs.
AOUT @ fOUT = fCLOCK/11
0
–5
–25
–10
–15
–20
45
50
55
60
65
70
75
80
85
90
95
AOUT – dBFS
65MSPS (8.3,10.3)
78MSPS (10.1,12.1)
125MSPS (16.9, 18.9)
165MSPS (22.6, 24.6)
TPC 9. Dual-Tone IMD vs. AOUT
@ fOUT = fCLOCK/7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com