Electronic Components Datasheet Search
  English  ▼

X  

AD9742 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9742
Description  12-Bit, 165 MSPS TxDAC D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9742 Datasheet HTML 8Page - Analog Devices AD9742 Datasheet HTML 9Page - Analog Devices AD9742 Datasheet HTML 10Page - Analog Devices AD9742 Datasheet HTML 11Page - Analog Devices AD9742 Datasheet HTML 12Page - Analog Devices AD9742 Datasheet HTML 13Page - Analog Devices AD9742 Datasheet HTML 14Page - Analog Devices AD9742 Datasheet HTML 15Page - Analog Devices AD9742 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. 0
AD9742
–12–
IOUTFS – mA
35
0
2
30
25
20
15
10
468
10
12
14
16
18
20
Figure 8. IAVDD vs. IOUTFS
RATIO –
fOUT/fCLOCK
16
0.01
1
0.1
14
12
10
8
6
4
2
0
165MSPS
125MSPS
65MSPS
Figure 9. IDVDD vs. Ratio @ DVDD = 3.3 V
APPLYING THE AD9742
Output Configurations
The following sections illustrate some typical output configura-
tions for the AD9742. Unless otherwise noted, it is assumed
that IOUTFS is set to a nominal 20 mA. For applications requir-
ing the optimum dynamic performance, a differential output
configuration is suggested. A differential output configuration
may consist of either an RF transformer or a differential op amp
configuration. The transformer configuration provides the opti-
mum high frequency performance and is recommended for any
application that allows ac coupling. The differential op amp
configuration is suitable for applications requiring dc coupling, a
bipolar output, signal gain, and/or level shifting, within the
bandwidth of the chosen op amp.
A single-ended output is suitable for applications requiring a
unipolar voltage output. A positive unipolar output voltage will
result if IOUTA and/or IOUTB is connected to an appropriately
sized load resistor, RLOAD, referred to ACOM. This configuration
may be more suitable for a single-supply system requiring a
dc-coupled, ground referred output voltage. Alternatively, an
amplifier could be configured as an I-V converter, thus converting
IOUTA or IOUTB into a negative unipolar voltage. This
configuration provides the best dc linearity since IOUTA or
IOUTB is maintained at a virtual ground.
DIFFERENTIAL COUPLING USING A TRANSFORMER
An RF transformer can be used to perform a differential-to-single-
ended signal conversion as shown in Figure 10. A differentially
coupled transformer output provides the optimum distortion per-
formance for output signals whose spectral content lies within the
transformer’s pass band. An RF transformer, such as the Mini-
Circuits T1–1T, provides excellent rejection of common-mode
distortion (i.e., even-order harmonics) and noise over a wide fre-
quency range. It also provides electrical isolation and the ability to
deliver twice the power to the load. Transformers with different
impedance ratios may also be used for impedance matching pur-
poses. Note that the transformer provides ac coupling only.
RLOAD
AD9742
MINI-CIRCUITS
T1-1T
OPTIONAL RDIFF
IOUTA
IOUTB
Figure 10. Differential Output Using a Transformer
The center tap on the primary side of the transformer must be
connected to ACOM to provide the necessary dc current path
for both IOUTA and IOUTB. The complementary voltages
appearing at IOUTA and IOUTB (i.e., VOUTA and VOUTB)
swing symmetrically around ACOM and should be maintained
with the specified output compliance range of the AD9742. A
differential resistor, RDIFF, may be inserted in applications where
the output of the transformer is connected to the load, RLOAD,
via a passive reconstruction filter or cable. RDIFF is determined by
the transformer’s impedance ratio and provides the proper source
termination that results in a low VSWR. Note that approximately
half the signal power will be dissipated across RDIFF.
DIFFERENTIAL COUPLING USING AN OP AMP
An op amp can also be used to perform a differential-to-single-ended
conversion as shown in Figure 11. The AD9742 is configured with
two equal load resistors, RLOAD, of 25
W. The differential voltage
developed across IOUTA and IOUTB is converted to a single-ended
signal via the differential op amp configuration. An optional capaci-
tor can be installed across IOUTA and IOUTB, forming a real pole
in a low-pass filter. The addition of this capacitor also enhances the
op amp’s distortion performance by preventing the DACs high
slewing output from overloading the op amp’s input.
AD9742
IOUTA
IOUTB
COPT
500
225
225
500
25
25
AD8047
Figure 11. DC Differential Coupling Using an Op Amp
The common-mode rejection of this configuration is typically
determined by the resistor matching. In this circuit, the differential
op amp circuit using the AD8047 is configured to provide some
additional signal gain. The op amp must operate off of a dual
supply since its output is approximately
±1.0 V. A high-speed
amplifier capable of preserving the differential performance of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com