Electronic Components Datasheet Search
  English  ▼

X  

AD9750-EB Datasheet(PDF) 8 Page - Analog Devices

Part # AD9750-EB
Description  10-Bit, 125 MSPS High Performance TxDAC D/A Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9750-EB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9750-EB Datasheet HTML 4Page - Analog Devices AD9750-EB Datasheet HTML 5Page - Analog Devices AD9750-EB Datasheet HTML 6Page - Analog Devices AD9750-EB Datasheet HTML 7Page - Analog Devices AD9750-EB Datasheet HTML 8Page - Analog Devices AD9750-EB Datasheet HTML 9Page - Analog Devices AD9750-EB Datasheet HTML 10Page - Analog Devices AD9750-EB Datasheet HTML 11Page - Analog Devices AD9750-EB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
AD9750
–8–
REV. 0
CODE
0.2
0.15
–0.1
0
1000
800
0.1
0.05
0
–0.05
200
400
600
Figure 12. Typical INL
fOUT – MHz
0
–10
–40
620
810
12
14
–20
–30
16
18
4
–50
–60
–70
–80
–90
–100
22 24
f
CLOCK = 125MSPS
f
OUT1 = 13.5MHz
f
OUT2 = 14.5MHz
AMPLITUDE = 0dBF
S
SDFR = 75dBc
Figure 15. Two-Tone SFDR
CODE
0.08
0.04
–0.12
0
1000
800
0
–0.04
–0.08
200
400
600
Figure 13. Typical DNL
fOUT – MHz
–10
–20
–90
0
30
20
–30
–40
–50
510
15
–60
–70
–80
25
fCLOCK = 65MSPS
fOUT1 = 6.25MHz
fOUT2 = 6.75MHz
fOUT3 = 7.25MHz
fOUT4 = 7.75MHz
AMPLITUDE = 0dBFS
SFDR = 70dBc
–100
Figure 16. Four-Tone SFDR
TEMPERATURE – C
90
80
50
–40
100
–20
0
20
40
70
60
60
80
–60
fOUT = 2.5MHz
fOUT = 10MHz
fOUT = 40MHz
Figure 14. SFDR vs. Temperature
@ 125 MSPS, 0 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com