Electronic Components Datasheet Search
  English  ▼

X  

AD9761 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9761
Description  Dual 10-Bit TxDAC??with 2x Interpolation Filters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9761 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9761 Datasheet HTML 2Page - Analog Devices AD9761 Datasheet HTML 3Page - Analog Devices AD9761 Datasheet HTML 4Page - Analog Devices AD9761 Datasheet HTML 5Page - Analog Devices AD9761 Datasheet HTML 6Page - Analog Devices AD9761 Datasheet HTML 7Page - Analog Devices AD9761 Datasheet HTML 8Page - Analog Devices AD9761 Datasheet HTML 9Page - Analog Devices AD9761 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
AD9761
–6–
REV. A
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Description
1
DB9
Most Significant Data Bit (MSB).
2–9
DB8–DB1
Data Bits 1-8.
10
DB0
Least Significant Data Bit (LSB).
11
CLOCK
Clock Input. Both DACs’ outputs updated on positive edge of clock and digital filters read respective
input registers.
12
WRITE
Write input. DAC input registers latched on positive edge of write.
13
SELECT
Select Input. Select high routes input data to I DAC, select low routes data to Q DAC.
14
DVDD
Digital Supply Voltage (+2.7 V to +5.5 V).
15
DCOM
Digital Common.
16
COMP3
Internal Bias Node for Switch Driver Circuitry. Decouple to ACOM with 0.1
µF capacitor.
17
QOUTA
Q DAC Current Output. Full-scale current when all data bits are 1s.
18
QOUTB
Q DAC Complementary Current Output. Full-scale current when all data bits are 0s.
19
REFLO
Reference Ground when Internal 1.2 V Reference Used. Connect to AVDD to disable internal
reference.
20
REFIO
Reference Input/Output. Serves as reference input when internal reference disabled. Serves as 1.2 V
reference output when internal reference activated. Requires 0.1
µF capacitor to ACOM when inter-
nal reference activated.
21
FSADJ
Full-Scale Current Output Adjust. Resistance to ACOM sets full-scale output current.
22
COMP2
Bandwidth/Noise Reduction Node. Add 0.1
µF to AVDD for optimum performance.
23
AVDD
Analog Supply Voltage (+2.7 V to +5.5 V).
24
ACOM
Analog Common.
25
IOUTB
I DAC Complementary Current Output. Full-scale current when all data bits are 0s.
26
IOUTA
I DAC Current Output. Full-scale current when all data bits are 1s.
27
COMP1
Internal Bias Node for Switch Driver Circuitry. Decouple to AGND with 0.1
µF capacitor.
28
RESET/SLEEP
Power-Down control input if asserted for four clock cycles or longer. Reset control input if asserted
for less than four clock cycles. Active high. Connect to DCOM if not used. Refer to RESET/SLEEP
section.
PIN CONFIGURATION
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
AD9761
(MSB) DB9
IOUTB
IOUTA
COMP1
RESET/SLEEP
DB8
DB7
DB6
COMP2
AVDD
ACOM
DB5
DB4
DB3
DB2
DB1
(LSB) DB0
REFLO
REFIO
FSADJ
CLOCK
WRITE
SELECT
DVDD
QOUTB
DCOM
COMP3
QOUTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com