Electronic Components Datasheet Search
  English  ▼

X  

AD9761 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9761
Description  Dual 10-Bit TxDAC??with 2x Interpolation Filters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9761 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9761 Datasheet HTML 5Page - Analog Devices AD9761 Datasheet HTML 6Page - Analog Devices AD9761 Datasheet HTML 7Page - Analog Devices AD9761 Datasheet HTML 8Page - Analog Devices AD9761 Datasheet HTML 9Page - Analog Devices AD9761 Datasheet HTML 10Page - Analog Devices AD9761 Datasheet HTML 11Page - Analog Devices AD9761 Datasheet HTML 12Page - Analog Devices AD9761 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AD9761
–9–
REV. A
Typical AC Characterization Curves @ +3 V Supplies
(AVDD = +3 V, DVDD = +3 V, 50
Doubly Terminated Load, TA = +25 C, fCLOCK = 10 MSPS, unless otherwise noted, worst of I or Q output
performance shown)
0
–10
–20
–30
–40
–50
–70
–60
–80
–90
START: 0Hz
STOP: 10MHz
Figure 13. Single-Tone SFDR (DC to
2fDATA, fCLOCK = 2 fDATA)
fOUT – MHz
75
70
60
65
0
0.5
2.5
1.0
1.5
2.0
S/E 0dBFS
DIFF 0dBFS
S/E –6dBFS
DIFF –6dBFS
80
Figure 16. “Out-of-Band” SFDR vs.
fOUT (fDATA/2 to 3/2fDATA)
fOUT – MHz
80
70
SFDR @ 10mA
65
2
75
60
55
0
SINAD @ 10mA
SFDR @ 5mA
SINAD @ 5mA
SFDR @ 2.5mA
SINAD @ 2.5mA
46
8
10
Figure 19. SINAD/SFDR vs. IOUTFS (DC
to fDATA/2, Differential Output)
fOUT – MHz
65
60
50
55
0
0.5
2.5
1.0
1.5
2.0
10.5
9.67
8.01
8.84
S/E 0dBFS
DIFF 0dBFS
S/E –6dBFS
DIFF –6dBFS
Figure 14. SINAD (ENOBs) vs. fOUT
(DC to fDATA/2)
AOUT – dBFS
75
70
60
65
–30
–25
–5
–20
–15
–10
SFDR @ 40MSPS
80
SFDR @ 20MSPS
SFDR @ 10MSPS
SINAD @ 40MSPS
SINAD @ 20MSPS
SINAD @ 10MSPS
55
50
45
40
35
0
Figure 17. SINAD vs. AOUT (DC to
fDATA/2, Differential Output)
SFDR @ 10mA
fOUT – MHz
80
70
65
2
75
60
55
0
SINAD @ 10mA
SFDR @ 5mA
SINAD @ 5mA
SFDR @ 2.5mA
SINAD @ 2.5mA
468
10
Figure 20. SINAD/SFDR vs. IOUTFS
(DC to fDATA/2, Single-Ended Output)
fOUT – MHz
75
70
60
65
0
0.5
2.5
1.0
1.5
2.0
S/E 0dBFS
DIFF 0dBFS
S/E –6dBFS
DIFF –6dBFS
80
85
Figure 15. SFDR vs. fOUT (DC to fDATA/2)
AOUT – dBFS
70
65
55
60
–30
–25
–5
–20
–15
–10
SFDR @ 40MSPS
75
SFDR @ 20MSPS
SFDR @ 10MSPS
SINAD @ 20MSPS
SINAD @ 10MSPS
50
45
40
35
30
0
SINAD @ 40MSPS
Figure 18. SINAD vs. AOUT (DC to
fDATA/2, Single-Ended Output)
0
–10
–20
–30
–40
–50
–70
–60
–80
START: 0Hz
STOP: 10MHz
Figure 21. Narrowband Spread-
Spectrum Spectral Plot (DC to fDATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com