Electronic Components Datasheet Search
  English  ▼

X  

AD9772 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9772
Description  14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9772 Datasheet HTML 5Page - Analog Devices AD9772 Datasheet HTML 6Page - Analog Devices AD9772 Datasheet HTML 7Page - Analog Devices AD9772 Datasheet HTML 8Page - Analog Devices AD9772 Datasheet HTML 9Page - Analog Devices AD9772 Datasheet HTML 10Page - Analog Devices AD9772 Datasheet HTML 11Page - Analog Devices AD9772 Datasheet HTML 12Page - Analog Devices AD9772 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
REV. 0
AD9772
–9–
Typical AC Characterization Curves(AVDD = +3 V, CLKVDD = +3 V, PLLVDD = 0 V, DVDD = +3 V, I
OUTFS = 20 mA, PLL Disabled)
FREQUENCY – MHz
10
0
–90
050
–30
–40
–50
–60
–10
–20
–70
–80
5
101520
25
3035
4045
INBAND
OUT-OF-BAND
Figure 4. Single-Tone Spectral Plot
@ fDATA = 25 MSPS with fOUT = fDATA/3
FREQUENCY – MHz
10
–90
0
–30
–50
–10
–70
20
40
60
80
100
120
0
–20
–40
–60
–80
INBAND
OUT-OF-BAND
Figure 7. Single-Tone Spectral Plot
@ fDATA = 65 MSPS with fOUT = fDATA/3
FREQUENCY – MHz
10
–90
0
–30
–50
–10
–70
50
100
150
200
250
300
INBAND
OUT-OF-BAND
Figure 10. Single-Tone Spectral Plot
@ fDATA = 150 MSPS with fOUT = fDATA/3
fOUT – MHz
90
85
50
012
75
70
65
60
80
55
24
6
8
10
0dBFS
–12dBFS
–6dBFS
Figure 5. “In-Band” SFDR vs. fOUT
@ fDATA = 25 MSPS
fOUT – MHz
90
85
50
030
75
70
65
60
80
55
5
1015
2025
0dBFS
–12dBFS
–6dBFS
Figure 8. “In-Band” SFDR vs. fOUT
@ fDATA = 65 MSPS
fOUT – MHz
90
85
50
050
75
70
65
60
80
55
10
20
30
40
60
70
0dBFS
–12dBFS
–6dBFS
Figure 11. “In-Band” SFDR vs. fOUT
@ fDATA = 150 MSPS
fOUT – MHz
90
85
50
012
75
70
65
60
80
55
24
6
8
10
0dBFS
–12dBFS
–6dBFS
Figure 6. “Out-of-Band” SFDR vs.
fOUT @ fDATA = 25 MSPS
fOUT – MHz
90
85
50
030
75
70
65
60
80
55
5
1015
2025
0dBFS
–12dBFS
–6dBFS
Figure 9. “Out-of-Band” SFDR vs.
fOUT @ fDATA = 65 MSPS
fOUT – MHz
60
50
0
050
40
30
20
10
10
20
30
40
60
70
0dBFS
–12dBFS
–6dBFS
Figure 12. “Out-of-Band” SFDR vs.
fOUT @ fDATA = 150 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com