Electronic Components Datasheet Search
  English  ▼

X  

AD9772 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9772
Description  14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9772 Datasheet HTML 10Page - Analog Devices AD9772 Datasheet HTML 11Page - Analog Devices AD9772 Datasheet HTML 12Page - Analog Devices AD9772 Datasheet HTML 13Page - Analog Devices AD9772 Datasheet HTML 14Page - Analog Devices AD9772 Datasheet HTML 15Page - Analog Devices AD9772 Datasheet HTML 16Page - Analog Devices AD9772 Datasheet HTML 17Page - Analog Devices AD9772 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
REV. 0
AD9772
–14–
The PLL clock multiplier has two modes of operation. It can be
enabled for less demanding applications providing a reference
clock meeting the minimum specified input data rate of 6 MSPS.
It can be disabled for applications below this data rate or for
applications requiring higher phase noise performance. In this
case, a reference clock at twice the input data rate (i.e., 2
× f
DATA)
must be provided without the “zero stuffing” option selected and
four times the input data rate (i.e., 4
× f
DATA) with the “zero
stuffing” option selected. Note, multiple AD9772 devices can
be synchronized in either mode if driven by the same reference
clock since the PLL clock multiplier when enabled ensures
synchronization. RESET can be used for synchronization if the
PLL clock multiplier is disabled.
Figure 26 shows the proper configuration used to enable the
PLL clock multiplier. In this case, the external clock source is
applied to CLK+ (and/or CLK–) and the PLL clock multiplier is
fully enabled by connecting PLLVDD to CLKVDD. An external
PLL loop filter consisting of a series resistor and ceramic capaci-
tor connected from the output of the charge pump (i.e., LPF) to
PLLVDD is required for stability of the PLL. Also, a shield
surrounding these components is recommended to minimize
external noise coupling into the VCO input.
The components values shown (i.e., 392
Ω and 1.0 µF) were
selected to optimize the phase noise vs. settling/acquisition time
characteristics of the PLL. The settling/acquisition time character-
istics are also dependent on the divide-by-N ratio as well as the
input data rate. In general, the acquisition time increases with
increasing data rate (for fixed divide-by-N ratio) or increasing
divide-by-N ratio (for fixed input data rate).
Since the VCO can operate over a 96 MHz–400 MHz range,
the prescaler divide-by-ratio following the VCO must be set
according to Table III for a given input data rate (i.e., fDATA)
to ensure optimum phase noise and successful “locking.” In
general, the best phase noise performance for any prescaler
setting is achieved with the VCO operating near its maximum
output frequency of 400 MHz. Note, the divide-by-N ratio
also depends on whether the “zero stuffing” option is enabled
since this option requires the DAC to operate at four times
the input data rate. The divide-by-N ratio is set by DIV1 and
DIV0.
Table III. Recommended Prescaler Divide-by-N Ratio Settings
fDATA
Divide-by-N
(MSPS)
MOD1
DIV1
DIV0
Ratio
48–150
0
0
0
1
24–100
0
0
1
2
12–50
0
1
0
4
6–25
0
1
1
8
24–100
1
0
0
1
12–50
1
0
1
2
6–25
1
1
0
4
3–12.5
1
1
1
8
With the PLL clock multiplier enabled, PLLLOCK serves as an
active HIGH control output which may be monitored upon sys-
tem power-up to indicate that the PLL is successfully “locked” to
the input clock. Note, when the PLL clock multiplier is NOT
locked, PLLLOCK will toggle between logic HIGH and LOW
in an asynchronous manner until locking is finally achieved.
As a result, it is recommended that PLLLOCK, if monitored,
be sampled several times to detect proper locking 100 ms
upon power-up.
As stated earlier, applications requiring input data rates below
6 MSPS must disable the PLL clock multiplier and provide an
external reference clock. However, applications already contain-
ing a low phase noise (i.e., jitter) reference clock that is twice
(or four times) the input data rate should consider disabling the
PLL clock multiplier to achieve the best SNR performance from
the AD9772. Note, the SFDR performance and wideband noise
performance of the AD9772 remains unaffected with or without
the PLL clock multiplier enabled.
The effects of phase noise on the AD9772’s SNR performance
becomes more noticeable at higher reconstructed output fre-
quencies and signal levels. Figure 27 compares the phase noise
of a full-scale sine wave at exactly fDATA/4 at different data rates
(hence carrier frequency) with the optimum DIV1, DIV0 set-
ting. The effects of phase noise, and its effect on a signal’s CNR
performance, becomes even more evident at higher IF fre-
quencies as shown in Figure 28. In both instances, it is the
“narrowband” phase noise that limits the CNR performance.
FREQUENCY OFFSET – MHz
0
–20
–100
0
5
1234
–40
–60
–80
50 MSPS WITH DIV4
100 MSPS WITH DIV2
75 MSPS WITH DIV2
WITHOUT PLL
150 MSPS WITH DIV1
Figure 27. Phase Noise of PLL Clock Multiplier @ Exactly
fOUT = fDATA/4 at Different fDATA Settings with Optimum
DIV0/DIV1 Settings Using R & S FSEA30 Spectrum
Analyzer
FREQUENCY – MHz
0
–20
–100
100
150
110
120
130
140
–40
–60
–80
PLL WITH DIV = 8
WITHOUT PLL
Figure 28. Direct IF Mode Reveals Phase Noise Degrada-
tion With and Without PLL Clock Multiplier (IF = 125 MHz
and fDATA = 100 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com