Electronic Components Datasheet Search
  English  ▼

X  

AD9802 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9802
Description  CCD Signal Processor For Electronic Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9802 Datasheet(HTML) 3 Page - Analog Devices

  AD9802 Datasheet HTML 1Page - Analog Devices AD9802 Datasheet HTML 2Page - Analog Devices AD9802 Datasheet HTML 3Page - Analog Devices AD9802 Datasheet HTML 4Page - Analog Devices AD9802 Datasheet HTML 5Page - Analog Devices AD9802 Datasheet HTML 6Page - Analog Devices AD9802 Datasheet HTML 7Page - Analog Devices AD9802 Datasheet HTML 8Page - Analog Devices AD9802 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD9802
–3–
REV. 0
TIMING SPECIFICATIONS
Parameter
Min
Typ
Max
Units
ADCCLK Clock Period
55.6
ns
ADCCLK Hi-Level Period
24.8
27.8
ns
ADCCLK Lo-Level Period
24.8
27.8
ns
SHP, SHD Clock Period
55.6
ns
SHP, SHD Minimum Pulse Width
12.5
ns
SHP Rising Edge to SHD Rising Edge
28
ns
Digital Output Delay
20
ns
Digital Output Data Control
PBLK
MODE1
MODE2
Digital Output Data (D9–D0)
0
0
0
0000000000
1
0
0
Normal Operation
1
0
1
1010101010
1
1
0
0101010101
1
1
1
High Impedance
(TMIN to TMAX with ACVDD = 3.15 V, ADVDD = 3.15 V, DVDD = 3.15 V, DRVDD = 3.15 V unless otherwise
noted)
ABSOLUTE MAXIMUM RATINGS*
Parameter
With Respect To
Min
Max
Units
ADVDD
ADVSS, SUBST
–0.3
6.5
V
ACVDD
ACVSS, SUBST
–0.3
6.5
V
DVDD
DVSS, DSUBT
–0.3
6.5
V
DRVDD
DRVSS, DSUBST
–0.3
6.5
V
SHP, SHD
DSUBST
–0.3
DVDD + 2.0
V
ADCCLK, CLPOB, CLPDM
DSUBST
–0.3
DVDD + 0.3
V
PGACONT1, PGACONT2
SUBST
–0.3
ACVDD + 0.3
V
PIN, DIN
SUBST
–0.3
ACVDD + 0.3
V
DOUT
DSUBST
–0.3
DRVDD + 0.3
V
VRT, VRB
SUBST
–0.3
ADVDD + 0.3
V
CLAMP_BIAS
SUBST
–0.3
ACVDD + 0.3
V
CCDBYP1, CCDBYP2
SUBST
–0.3
ACVDD + 0.3
V
STBY
DSUBST
–0.3
DVDD + 0.3
V
MODE1, MODE2
SUBST
–0.3
ADVDD + 0.3
V
DRVSS, DVSS, ACVSS, ADVSS
SUBST, DSUBST
–0.3
+0.3
V
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature (10 sec)
+300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device
at these or other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum ratings for extended periods
may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9802JST
0
°C to +70°C
48-Terminal Plastic Thin Quad Flatpack
ST-48
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9802 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com