Electronic Components Datasheet Search
  English  ▼

X  

AD9803JST Datasheet(PDF) 12 Page - Analog Devices

Part # AD9803JST
Description  CCD Signal Processor For Electronic Cameras
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9803JST Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9803JST Datasheet HTML 8Page - Analog Devices AD9803JST Datasheet HTML 9Page - Analog Devices AD9803JST Datasheet HTML 10Page - Analog Devices AD9803JST Datasheet HTML 11Page - Analog Devices AD9803JST Datasheet HTML 12Page - Analog Devices AD9803JST Datasheet HTML 13Page - Analog Devices AD9803JST Datasheet HTML 14Page - Analog Devices AD9803JST Datasheet HTML 15Page - Analog Devices AD9803JST Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
AD9803
–12–
REV. 0
Black Level Clamping
For correct signal processing, the CCD signal must be refer-
enced to a well established “black level.” The AD9803 uses the
CCD’s optical black (OB) pixels as a calibration signal, which is
used to establish the black level. Two sources of offset are
addressed during the calibration—the CCD’s own “black level”
offset, and the AD9803’s internal offsets in the CDS and PGA
circuitry.
The feedback loop shown in Figure 28 is closed around the
PGA during the calibration interval (CLPOB = LOW) to set
the black level. As the black pixels are being processed, an inte-
grator block measures the difference between the input level
and the desired reference level. This difference, or error, signal
is amplified and passed to the CDS block where it is added to
the incoming pixel data. As a result of this process, the black
pixels are digitized at one end of the ADC range, taking maxi-
mum advantage of the available linear range of the system.
Using the AD9803’s serial digital interface, the black level
reference may programmed to 16 LSB, 32 LSB, 48 LSB, or
64 LSB.
PGA
ADC
IN
CLPOB
NEG REF
INTEGRATOR
CDS
Figure 28. Black Level Correction Loop (Simplified)
The actual implementation of this loop is slightly more compli-
cated as shown in Figure 29. Because there are two separate
CDS blocks, two black level feedback loops are required and
two offset voltages are developed. Figure 29 also shows an
additional PGA block in the feedback loop labeled “RPGA.”
The RPGA uses the same control inputs as the PGA, but has
the inverse gain. The RPGA functions to attenuate by the same
factor as the PGA amplifies, keeping the gain and bandwidth of
the loop constant.
There exists an unavoidable mismatch in the two offset voltages
used to correct both CDS blocks. This mismatch causes a
slight difference in the offset level for odd and even pixels, often
called “pixel-to-pixel offset” or “even-odd offset.” To compen-
sate for this mismatch, the AD9803 uses a digital correction
circuit after the ADC which removes the even-odd offset be-
tween the channels.
PGA
ADC
IN
CLPOB
NEG REF
CONTROL
CDS1
RPGA2
INT2
CDS2
RPGA1
INT1
Figure 29. Black Level Correction Loop (Detailed)
Input Bias Level Clamping
The buffered CCD output is connected to the AD9803 through
an external coupling capacitor. The dc bias point for this cou-
pling capacitor is established during the clamping (CLPDM =
LOW) period using the “dummy clamp” loop shown in Figure
30. When closed around the CDS, this loop establishes the
desired dc bias point on the coupling capacitor.
BLACK
LEVEL CLP
CCD
INPUT
CLAMP
CLPDM
TO ADC
PGA
CDS
Figure 30. Input Clamp
Input Blanking
In some applications, the AD9803’s input may be exposed to
large signals from the CCD, either during blanking intervals or
“high speed” modes. If the signals are larger than the AD9803’s
1 V p-p input signal range, then the on-chip input circuitry
may saturate. Recovery time from a saturated state could be
substantial.
To avoid problems associated with processing these large tran-
sients, the AD9803 includes an input blanking function. When
active (PBLK = LOW) this function stops the CDS operation
and allows the user to disconnect the CDS inputs from the
CCD buffer. Additionally, the AD9803’s digital outputs will all
go to zero while PBLK is low.
If the input voltage exceeds the supply rail by more than
0.3 volts, then protection diodes will be turned on, increasing
current flow into the AD9803 (see Equivalent Input Circuits).
Such voltage levels should be externally clamped to prevent
possible device damage.
10-Bit Analog-to-Digital Converter (ADC)
The ADC employs a multibit pipelined architecture which is
well-suited for high throughput rates while being both area and
power efficient. The multistep pipeline presents a low input
capacitance resulting in lower on-chip drive requirements. A
fully differential implementation was used to overcome head-
room constraints of the single +3 V power supply.
Differential Reference
The AD9803 includes a 0.5 V reference based on a differential,
continuous-time bandgap cell. Use of an external bypass capaci-
tor reduces the reference drive requirements, thus lowering the
power dissipation. The differential architecture was chosen for
its ability to reject supply and substrate noise. Required decou-
pling is shown in Figure 31.
VRT
REF
VRB
1 F
0.1 F
0.1 F
Figure 31. Reference Decoupling
Internal Timing
The AD9803’s on-chip timing circuitry generates all clocks
necessary for operation of the CDS and ADC blocks. The user
needs only to synchronize the SHP and SHD clocks with the
CCD waveform, as all other timing is handled internally. The
ADCCLK signal is used to strobe the output data, and can be
adjusted to accommodate desired timing. Figure 1 shows the
recommended placement of ADCCLK relative to SHP and
SHD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com