Electronic Components Datasheet Search
  English  ▼

X  

AD9803JST Datasheet(PDF) 16 Page - Analog Devices

Part # AD9803JST
Description  CCD Signal Processor For Electronic Cameras
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9803JST Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9803JST Datasheet HTML 11Page - Analog Devices AD9803JST Datasheet HTML 12Page - Analog Devices AD9803JST Datasheet HTML 13Page - Analog Devices AD9803JST Datasheet HTML 14Page - Analog Devices AD9803JST Datasheet HTML 15Page - Analog Devices AD9803JST Datasheet HTML 16Page - Analog Devices AD9803JST Datasheet HTML 17Page - Analog Devices AD9803JST Datasheet HTML 18Page - Analog Devices AD9803JST Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
AD9803
–16–
REV. 0
NOTE: With the exception of a write to the PGA register dur-
ing AUX-mode, all data writes must be 10 bits. During an
AUX-mode write to the PGA register, only 8 bits of data are
required. If more than 14 SCK rising edges are applied during a
write operation, additional SCK pulses will be ignored (see
Figure 35). All reads must be 10 bits to receive valid register
contents. All registers default to 0s on power-up, except for the
A-register which defaults to 11. Thus, on power-up, the AD9803
defaults to CCD mode. During the power-up phase, it is recom-
mended that SL be HIGH and SCK be LOW to prevent acci-
dental register write operations. SDATA may be unknown. The
RNW bit (“Read/Not Write”) must be LOW for all write opera-
tions to the serial interface, and HIGH when reading back from
the serial interface registers.
APPLICATIONS INFORMATION
Power and Grounding Recommendations
The AD9803 should be treated as an analog component when
used in a system. The same power supply and ground plane
should be used for all of the pins. In a two-ground system, this
requires that the digital supply pins be decoupled to the analog
ground plane and the digital ground pins be connected to ana-
log ground for best noise performance. Separate digital supplies
can be used, particularly if slightly different driver supplies are
needed, but the digital power pins should still be decoupled to
the same point as the digital ground pins (the analog ground
plane). If the AD9803 digital outputs need to drive a bus or
substantial load, then a buffer should be used at the AD9803’s
outputs, with the buffer referenced to system digital ground. In
some cases, when system digital noise is not substantial, it is
acceptable to split the ground pins on the AD9803 to separate
analog and digital ground planes. If this is done, be sure to
connect the two ground planes together at the AD9803.
To further improve performance, isolating the driver supply
DRVDD from DVDD with a ferrite bead can help reduce kick-
back effects during major code transitions. Alternatively, the
use of damping resistors on the digital outputs will reduce the
output rise times, also reducing the kickback effect.
Application Circuit Utilizing the AD9803’s Digital Gain Control
Figure 37 shows the recommended circuit configuration for
CCD-Mode operation when using the 3-wire serial interface.
The analog PGA control pins, PGACONT1 and PGACONT2,
should be shorted together and decoupled to ground. If the two
auxiliary DACs are not used, then Pins 39 and 40 (DAC1 and
DAC2) may be grounded.
Using the AD9803 in AD9801 Sockets
The AD9803 may be easily used in existing AD9801 designs
without any circuit modifications. Most of the pin assignments
are the same for both ICs. Table I outlines the differences. The
circuit of Figure 38 shows the necessary connections for the
AD9803 when used in an existing AD9801 socket. The power-
on reset in the AD9803 assures that the device will power-up in
CCD-mode, with analog PGA gain control.
Table I. AD9801/AD9803 Pin Differences
Pin
No.
AD9801
AD9803
AD9801 Connection
1
ADVSS
NC
Ground
14
DSUBST
DVSS
Ground
15
DVSS
ACLP
Ground
24
DVSS
NC
Ground
32
CLAMP_BIAS
CLPBYP
Decoupled with 0.1
µF
to Ground
34
ACVDD
AUXIN
+3 Volt Supply
35
ACVDD
AUXCONT
+3 Volt Supply
36
INT_BIAS1
ADCIN
Decoupled with 0.1
µF
to Ground
38
INT_BIAS2
VTRBYP
Decoupled with 0.1
µF
to Ground
39
MODE2
DAC1
Ground
40
MODE1
DAC2
Ground
41
ADVSS
SL
Ground
42
ADVDD
SCK
+3 Volt Supply
44
ADVSS
SDATA
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com