Electronic Components Datasheet Search
  English  ▼

X  

AD9807 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9807
Description  Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9807 Datasheet(HTML) 5 Page - Analog Devices

  AD9807 Datasheet HTML 1Page - Analog Devices AD9807 Datasheet HTML 2Page - Analog Devices AD9807 Datasheet HTML 3Page - Analog Devices AD9807 Datasheet HTML 4Page - Analog Devices AD9807 Datasheet HTML 5Page - Analog Devices AD9807 Datasheet HTML 6Page - Analog Devices AD9807 Datasheet HTML 7Page - Analog Devices AD9807 Datasheet HTML 8Page - Analog Devices AD9807 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD9807/AD9805
–5–
REV. 0
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
13
14
15
16
12
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
64 63 62 61 60
55 54 53 52 51 50 49
59 58 57 56
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AVDD
AVSS
CAPT
CAPT
CAPB
CAPB
VREF
CML
VINR
AVSS
VING
AVSS
VINB
AVSS
AVDD
STRTLN
A0
DOUT<11>
DOUT<10>
DOUT<9>
DOUT<8>
DOUT<7>/MPU<7>
DOUT<6>/MPU<6>
DRVDD
DRVSS
DOUT<5>/MPU<5>
DOUT<4>/MPU<4>
DOUT<3>/MPU<3>
DOUT<2>/MPU<2>
DOUT<1>/MPU<1>
DOUT<0>/MPU<0>
OEB
AD9807
PIN DESCRIPTIONS
Pin No.
Pin Name
Type
Description
1, 15
AVDD
P
+5 V Analog Supply.
2, 10, 12, 14
AVSS
P
Analog Ground.
3, 4
CAPT
AO
Reference Decoupling. See Figure 22.
5, 6
CAPB
AO
Reference Decoupling.
7
VREF
AO
Internal Reference Output. Decouple with 10
µF + 0.1 µF.
8
CML
AO
Internal Bias Voltage. Decouple with 0.1
µF.
9
VINR
AI
Analog Input, Red.
11
VING
AI
Analog Input, Green.
13
VINB
AI
Analog Input, Blue.
16
STRTLN
DI
STRTLN. Indicates beginning of scan line.
17
CDSCLK1
DI
CDS Reset Clock Pulse Input.
18
CDSCLK2
DI
CDS Data Clock Pulse Input.
19
ADCCLK
DI
A/D Sample Clock Input.
28, 52
DVSS
P
Digital Ground.
29, 51
DVDD
P
+5 V Digital Supply.
20
OFFSET<7>
DI
Pixel Rate Offset Coefficient Inputs. Most Significant Bit.
21–26
OFFSET<6:1>
DI
Pixel Rate Offset Coefficient Inputs.
27
OFFSET<0>
DI
Pixel Rate Offset Coefficient Inputs. Least Significant Bit.
30
CSB
DI
Chip Select. Active Low.
31
RDB
DI
Read Strobe. Active Low.
32
WRB
DI
Write Strobe. Active Low.
33
OEB
DI
Output Enable. Active Low.
34
DOUT<0>/MPU<0>
DIO
Data Output LSB/Register Input LSB
35–39, 42
DOUT<1:6>/MPU<1:6>
DIO
Data Outputs/Register Inputs.
40
DRVSS
P
Digital Driver Ground
41
DRVDD
P
Digital Driver Supply
43
DOUT<7>/MPU<7>
DIO
Data Output/Register Input MSB.
44–46
DOUT<8:10>
DO
Data Outputs.
47
DOUT<11>
DO
Data Output MSB.
48, 49, 50
A0, A1, A2
DI
Register Select Pins.
53
GAIN<0>
DI
Pixel Rate Gain Coefficient Input. LSB.
54–63
GAIN<1:10>
DI
Pixel Rate Gain Coefficient Inputs.
64
GAIN<11>
DI
Pixel Rate Gain Coefficient Input. MSB.
TYPE: AI = Analog Input; AO = Analog Output; DI = Digital Input; DO = Digital Output; DIO = Digital Input/Output; P = Power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com