Electronic Components Datasheet Search
  English  ▼

X  

AD9807 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9807
Description  Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9807 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9807 Datasheet HTML 16Page - Analog Devices AD9807 Datasheet HTML 17Page - Analog Devices AD9807 Datasheet HTML 18Page - Analog Devices AD9807 Datasheet HTML 19Page - Analog Devices AD9807 Datasheet HTML 20Page - Analog Devices AD9807 Datasheet HTML 21Page - Analog Devices AD9807 Datasheet HTML 22Page - Analog Devices AD9807 Datasheet HTML 23Page - Analog Devices AD9807 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD9807/AD9805
–20–
REV. 0
NO
BRING STRTLN HIGH
THE FIRST PIXEL IS GREEN
THE SECOND PIXEL IS RED, ALTERNATING GRGR...
BRING STRTLN LOW AT THE END OF THE LINE
NEXT LINE
GRGR AGAIN
(NEW FRAME)
?
YES
APPLY AT LEAST ONE ADCCLK CYCLE
WRITE A "1" TO THE LSB OF THE BAYER REGISTER
BRING STRTLN LOW
SET PGA AND INPUT OFFSET FOR RED
PIXELS USING THE BLUE REGISTERS
SET PGA AND INPUT OFFSET FOR GREEN
PIXELS USING THE GREEN REGISTERS
CHANGE THE PGA AND INPUT OFFSET OF BLUE
REGISTERS FOR BLUE PIXELS
BRING STRTLN HIGH
THE FIRST PIXEL IS BLUE
THE SECOND PIXEL IS GREEN, ALTERNATING BGBG...
BRING STRTLN LOW AT THE END OF THE LINE
CHANGE GAIN
AND OFFSET
FOR RED PIXELS
WITH BLUE
REGISTERS
Figure 21. Bayer Mode Operation
Grounding and Decoupling
Figure 22 shows the recommended decoupling capacitors and
ground connections for the AD9807/AD9805. Notice that all of
the power and ground connections are common for the analog
and digital portions of the chip. This would be the best way to
connect the device on a board containing a large number of
digital components. By treating the AD9807/AD9805 as an
analog component, the on-board digital circuitry is considered
“quiet digital” and the digital supply pins are connected to the
clean analog supply and analog ground plane. For this tech-
nique to work well, it is important that the digital supply pins be
well decoupled to the analog ground plane and that the digital
outputs of the AD9807/AD9805 are buffered to minimize the
digital drive current. The buffers would be referred to the digital
supply and ground. This scheme is preferable to tying the digital
portion of the AD9807/AD9805 to a noisy digital ground and
power plane, capacitively coupling noise to the analog circuitry
within the device. The AD9807/AD9805 evaluation boards use
this grounding method, shown in Figures 26 and 27. If a
minimum amount of digital circuitry exists on the board, it is
possible that the power and ground connections of the AD9807
can be separated; be sure to maintain a single point connection
between the two ground planes at the AD9807/AD9805.
+5
0.1µF
0.1µF
0.1µF
10µF
+
0.1µF
+
10µF
0.1µF
0.1µF
0.1µF
+5
52
+5
0.1µF
0.1µF
+5
28
+5
0.1µF
DVSS
DVDD
29
41
40
51
1
AD9807/AD9805
(PINS OMITTED FOR CLARITY)
AVDD
AVSS
CAPT
CAPT
CAPB
CAPB
REF
CML
AVSS
AVSS
AVSS
AVDD
DVSS
DRVDD
DRVSS
2
3
4
5
6
7
8
10
12
14
15
DVSS
DVDD
Figure 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com