Electronic Components Datasheet Search
  English  ▼

X  

AD9831 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9831
Description  CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9831 Datasheet(HTML) 5 Page - Analog Devices

  AD9831 Datasheet HTML 1Page - Analog Devices AD9831 Datasheet HTML 2Page - Analog Devices AD9831 Datasheet HTML 3Page - Analog Devices AD9831 Datasheet HTML 4Page - Analog Devices AD9831 Datasheet HTML 5Page - Analog Devices AD9831 Datasheet HTML 6Page - Analog Devices AD9831 Datasheet HTML 7Page - Analog Devices AD9831 Datasheet HTML 8Page - Analog Devices AD9831 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD9831
–5–
REV. A
PIN DESCRIPTION
Mnemonic
Function
POWER SUPPLY
AVDD
Positive power supply for the analog section. A 0.1
µF decoupling capacitor should be connected between AVDD
and AGND. AVDD can have a value of +5 V
± 10% or +3.3 V ± 10%.
AGND
Analog Ground.
DVDD
Positive power supply for the digital section. A 0.1
µF decoupling capacitor should be connected between DVDD
and DGND. DVDD can have a value of +5 V
± 10% or +3.3 V ± 10%.
DGND
Digital Ground.
ANALOG SIGNAL AND REFERENCE
IOUT
Current Output. This is a high impedance current source. A load resistor should be connected between IOUT
and AGND.
FS ADJUST
Full-Scale Adjust Control. A resistor (RSET) is connected between this pin and AGND. This determines the
magnitude of the full-scale DAC current. The relationship between RSET and the full-scale current is as follows:
IOUTFULL-SCALE = 12.5
× V
REFIN/RSET
VREFIN = 1.21 V nominal, RSET = 3.9 k
Ω typical
REFIN
Voltage Reference Input. The AD9831 can be used with either the on-board reference, which is available from pin
REFOUT, or an external reference. The reference to be used is connected to the REFIN pin. The AD9831
accepts a reference of 1.21 V nominal.
REFOUT
Voltage Reference Output. The AD9831 has an on-board reference of value 1.21 V nominal. The reference is
made available on the REFOUT pin. This reference is used as the reference to the DAC by connecting REFOUT
to REFIN. REFOUT should be decoupled with a 10 nF capacitor to AGND.
COMP
Compensation pin. This is a compensation pin for the internal reference amplifier. A 10 nF decoupling ceramic
capacitor should be connected between COMP and AVDD.
DIGITAL INTERFACE AND CONTROL
MCLK
Digital Clock Input. DDS output frequencies are expressed as a binary fraction of the frequency of MCLK. The
output frequency accuracy and phase noise are determined by this clock.
FSELECT
Frequency Select Input. FSELECT controls which frequency register, FREQ0 or FREQ1, is used in the phase
accumulator. FSELECT is sampled on the rising MCLK edge. FSELECT needs to be in steady state when an
MCLK rising edge occurs. If FSELECT changes value when a rising edge occurs, there is an uncertainty of one
MCLK cycle as to when control is transferred to the other frequency register. To avoid any uncertainty, a change
on FSELECT should not coincide with an MCLK rising edge.
WR
Write, Edge-Triggered Digital Input. The WR pin is used when writing data to the AD9831. The data is loaded
into the AD9831 on the rising edge of the WR pulse. This data is then loaded into the destination register on the
MCLK rising edge. The WR pulse rising edge should not coincide with the MCLK rising edge as there will be an
uncertainty of one MCLK cycle regarding the loading of the destination register with the new data. The WR rising
edge should occur before an MCLK rising edge. The data will then be loaded into the destination register on the
MCLK rising edge. Alternatively, the WR rising edge can occur after the MCLK rising edge and the destination
register will be loaded on the next MCLK rising edge.
D0–D15
Data Bus, Digital Inputs for destination registers.
A0–A2
Address Digital Inputs. These address bits are used to select the destination register to which the digital data is to
be written.
PSEL0, PSEL1 Phase Select Input. The AD9831 has four phase registers. These registers can be used to alter the value being
input to the SIN ROM. The contents of the phase register can be added to the phase accumulator output, the
inputs PSEL0 and PSEL1 selecting the phase register to be used. Like the FSELECT input, PSEL0 and PSEL1
are sampled on the rising MCLK edge. Therefore, these inputs need to be in steady state when an MCLK rising
edge occurs or there is an uncertainty of one MCLK cycle as to when control is transferred to the selected phase
register.
SLEEP
Low Power Control, active low digital input. SLEEP puts the AD9831 into a low power mode. Internal clocks
are disabled and the DAC’s current sources and REFOUT are turned off. The AD9831 is re-enabled by taking
SLEEP
high.
RESET
Reset, active low digital input. RESET resets the phase accumulator to zero which corresponds to an analog
output of midscale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com