Electronic Components Datasheet Search
  English  ▼

X  

AD9831 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9831
Description  CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9831 Datasheet(HTML) 2 Page - Analog Devices

  AD9831 Datasheet HTML 1Page - Analog Devices AD9831 Datasheet HTML 2Page - Analog Devices AD9831 Datasheet HTML 3Page - Analog Devices AD9831 Datasheet HTML 4Page - Analog Devices AD9831 Datasheet HTML 5Page - Analog Devices AD9831 Datasheet HTML 6Page - Analog Devices AD9831 Datasheet HTML 7Page - Analog Devices AD9831 Datasheet HTML 8Page - Analog Devices AD9831 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
AD9831–SPECIFICATIONS1
Parameter
AD9831A
Units
Test Conditions/Comments
SIGNAL DAC SPECIFICATIONS
Resolution
10
Bits
Update Rate (fMAX)
25
MSPS nom
IOUT Full Scale
4
mA nom
5
mA max
Output Compliance
1.5
V max
DC Accuracy
Integral Nonlinearity
±1
LSB typ
Differential Nonlinearity
±0.5
LSB typ
DDS SPECIFICATIONS
2
Dynamic Specifications
Signal to Noise Ratio
50
dB min
fMCLK = 25 MHz, fOUT = 1 MHz
Total Harmonic Distortion
–53
dBc max
fMCLK = 25 MHz, fOUT = 1 MHz
Spurious Free Dynamic Range (SFDR)
3
fMCLK = 6.25 MHz, fOUT = 2.11 MHz
Narrow Band (
±50 kHz)
–72
dBc min
5 V Power Supply
–70
dBc min
3 V Power Supply
Wide Band (
±2 MHz)
–50
dBc min
Clock Feedthrough
–60
dBc typ
Wake-Up Time
4
1
ms typ
Powerdown Option
Yes
VOLTAGE REFERENCE
Internal Reference @ +25
°C
1.21
Volts typ
TMIN to TMAX
1.21
± 7%
Volts min/max
REFIN Input Impedance
10
M
Ω typ
Reference TC
100
ppm/
°C typ
REFOUT Output Impedance
300
Ω typ
LOGIC INPUTS
VINH, Input High Voltage
VDD – 0.9
V min
VINL, Input Low Voltage
0.9
V max
IINH, Input Current
10
µA max
CIN, Input Capacitance
10
pF max
POWER SUPPLIES
AVDD
2.97/5.5
V min/V max
DVDD
2.97/5.5
V min/V max
IAA
12
mA max
5 V Power Supply
IDD
2.5 + 0.33/MHz
mA typ
5 V Power Supply
IAA + IDD
5
15
mA max
3 V Power Supply
24
mA max
5 V Power Supply
Low Power Sleep Mode
6
1
mA max
1 M
Ω Resistor Tied Between REFOUT and AGND
NOTES
1Operating temperature range is as follows: A Version: –40
°C to +85°C.
2100% production tested.
3f
MCLK = 6.25 MHz, Frequency Word = 5671C71C HEX, f OUT = 2.11 MHz.
4See Figure 11. To reduce the wake-up time at low power supplies and low temperature, the use of an external reference is suggested.
5Measured with the digital inputs static and equal to 0 V or DVDD.
6The Low Power Sleep Mode current is typically 2 mA when a 1 M
Ω resistor is not tied between REFOUT and AGND.
The AD9831 is tested with a capacitive load of 50 pF. The part can be operated with higher capacitive loads, but the magnitude of the analog output will be attenu-
ated. For example, a 5 MHz output signal will be attenuated by 3 dB when the load capacitance equals 85 pF.
Specifications subject to change without notice.
(VDD = +3.3 V
10%; +5 V
10%; AGND = DGND = 0 V; TA = TMIN to TMAX; REFIN =
REFOUT; RSET = 3.9 k ; RLOAD = 300
for IOUT unless otherwise noted)
IOUT
COMP
REFIN
FS
ADJUST
REFOUT
12
AD9831
ON-BOARD
REFERENCE
10-BIT DAC
SIN
ROM
FULL-SCALE
CONTROL
300
Ω
50pF
RSET
3.9k
Ω
10nF
10nF
AVDD
Figure 1. Test Circuit with Which Specifications Are Tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com