Electronic Components Datasheet Search
  English  ▼

X  

D518 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # D518
Description  30V N-Channel AlphaMOS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

D518 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  D518 Datasheet HTML 1Page - Alpha & Omega Semiconductors D518 Datasheet HTML 2Page - Alpha & Omega Semiconductors D518 Datasheet HTML 3Page - Alpha & Omega Semiconductors D518 Datasheet HTML 4Page - Alpha & Omega Semiconductors D518 Datasheet HTML 5Page - Alpha & Omega Semiconductors D518 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOD518/AOI518
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
1.8
2.2
2.6
V
6
8
TJ=125°C
7.5
10
8.5
12
m
Ω
gFS
91
S
VSD
0.7
1
V
IS
54
A
Ciss
951
pF
Coss
373
pF
Crss
62
pF
Rg
0.7
1.5
2.3
Ω
Qg(10V)
15.7
22.5
nC
Qg(4.5V)
7.5
10.5
nC
Qgs
2.8
nC
Qgd
3.2
nC
tD(on)
6.25
ns
tr
2.5
ns
t
18.5
ns
Reverse Transfer Capacitance
VGS=0V, VDS=15V, f=1MHz
VDS=VGS,ID=250µA
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=0.75Ω,
R
=3
Ω
Turn-On DelayTime
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
Gate Source Charge
Gate Drain Charge
Total Gate Charge
SWITCHING PARAMETERS
VGS=10V, VDS=15V, ID=20A
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Zero Gate Voltage Drain Current
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
VDS=0V, VGS= ±20V
Maximum Body-Diode Continuous Current
G
Input Capacitance
Output Capacitance
Forward Transconductance
IS=1A,VGS=0V
VDS=5V, ID=20A
DYNAMIC PARAMETERS
VGS=4.5V, ID=20A
RDS(ON)
Static Drain-Source On-Resistance
Diode Forward Voltage
m
Ω
VGS=10V, ID=20A
Gate-Body leakage current
tD(off)
18.5
ns
tf
4
ns
trr
10.2
ns
Qrr
13.6
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge
Body Diode Reverse Recovery Time
IF=20A, dI/dt=500A/µs
Turn-Off DelayTime
RGEN=3Ω
Turn-Off Fall Time
IF=20A, dI/dt=500A/µs
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation P
DSM is based on R
θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends
on the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation P
D is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Single pulse width limited by junction temperature T
J(MAX)=175°C.
D. The RθJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of T
J(MAX)=175°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev 1: Mar 2012
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com