Electronic Components Datasheet Search
  English  ▼

X  

AD9849 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9849
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9849 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9849 Datasheet HTML 11Page - Analog Devices AD9849 Datasheet HTML 12Page - Analog Devices AD9849 Datasheet HTML 13Page - Analog Devices AD9849 Datasheet HTML 14Page - Analog Devices AD9849 Datasheet HTML 15Page - Analog Devices AD9849 Datasheet HTML 16Page - Analog Devices AD9849 Datasheet HTML 17Page - Analog Devices AD9849 Datasheet HTML 18Page - Analog Devices AD9849 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
REV. 0
AD9848/AD9849
–15–
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
CLPOB
# Bits
146
84
[0]
1
01
clpobdir
CLPOB Internal/External (0 = Internal, 1 = External)
85
[0]
1
00
clpobpol
CLPOB External Active Polarity (0 = Low Active,
1 = High Active)
86
[0]
1
01
clpobpol0
Sequence #0: Start Polarity for CLPOB
87
[5:0]
6
0E
clpobtog1_0[5:0]
Sequence #0: Toggle Position 1 for CLPOB
88
[5:0]
6
00
clpobtog1_0[11:6]
89
[5:0]
6
2B
clpobtog2_0[5:0]
Sequence #0: Toggle Position 2 for CLPOB
8A
[5:0]
6
00
clpobtog2_0[11:6]
8B
[0]
1
01
clpobpol1
Sequence #1: Start Polarity for CLPOB
8C
[5:0]
6
2B
clpobtog1_1[5:0]
Sequence #1: Toggle Position 1 for CLPOB
8D
[5:0]
6
06
clpobtog1_1[11:6]
8E
[5:0]
6
3F
clpobtog2_1[5:0]
Sequence #1: Toggle Position 2 for CLPOB
8F
[5:0]
6
3F
clpobtog2_1[11:6]
90
[0]
1
00
clpobspol2
Sequence #2: Start Polarity for CLPOB
91
[5:0]
6
3F
clpobtog1_2[5:0]
Sequence #2: Toggle Position 1 for CLPOB
92
[5:0]
6
3F
clpobtog1_2[11:6]
93
[5:0]
6
3F
clpobtog2_2[5:0]
Sequence #2: Toggle Position 2 for CLPOB
94
[5:0]
6
3F
clpobtog2_2[11:6]
95
[0]
1
01
clpobspol3
Sequence #3: Start Polarity for CLPOB
96
[5:0]
6
3F
clpobtog1_3[5:0]
Sequence #3: Toggle Position 1 for CLPOB
97
[5:0]
6
3F
clpobtog1_3[11:6]
98
[5:0]
6
3F
clpobtog2_3[5:0]
Sequence #3: Toggle Position 2 for CLPOB
99
[5:0]
6
3F
clpobtog2_3[11:6]
0
00
clpobscp0
CLPOB Sequence-Change-Position #0 (Hardcoded to 0)
9A
[1:0]
2
03
clpobsptr0
CLPOB Sequence Pointer for SCP #0
9B
[5:0]
6
01
clpobscp1[5:0]
CLPOB Sequence-Change-Position #1
9C
[5:0]
6
00
clpobscp1[11:6]
9D
[1:0]
2
01
clpobsptr1
CLPOB Sequence Pointer for SCP #1
9E
[5:0]
6
02
clpobscp2[5:0]
CLPOB Sequence-Change-Position #2
9F
[5:0]
6
00
clpobscp2[11:6]
A0
[1:0]
2
00
clpobsptr2
CLPOB Sequence Pointer for SCP #2
A1
[5:0]
6
37
clpobscp3[5:0]
CLPOB Sequence-Change-Position #3
A2
[5:0]
6
03
clpobscp3[11:6]
A3
[1:0]
2
03
clpobsptr3
CLPOB Sequence Pointer for SCP #3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com