Electronic Components Datasheet Search
  English  ▼

X  

AD9849 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9849
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9849 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9849 Datasheet HTML 22Page - Analog Devices AD9849 Datasheet HTML 23Page - Analog Devices AD9849 Datasheet HTML 24Page - Analog Devices AD9849 Datasheet HTML 25Page - Analog Devices AD9849 Datasheet HTML 26Page - Analog Devices AD9849 Datasheet HTML 27Page - Analog Devices AD9849 Datasheet HTML 28Page - Analog Devices AD9849 Datasheet HTML 29Page - Analog Devices AD9849 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
REV. 0
AD9848/AD9849
–26–
ANALOG FRONT END DESCRIPTION AND OPERATION
The AD9848/AD9849 signal processing chain is shown in
Figure 15. Each processing step is essential in achieving a high-
quality image from the raw CCD pixel data.
DC Restore
To reduce the large dc offset of the CCD output signal, a dc
restore circuit is used with an external 0.1
µF series coupling
capacitor. This restores the dc level of the CCD signal to
approximately 1.5 V, to be compatible with the 3 V analog
supply signal of the AD9848/AD9849.
Correlated Double Sampler
The CDS circuit samples each CCD pixel twice to extract the
video information and reject low-frequency noise. The timing
shown in Figure 6 illustrates how the two internally generated
CDS clocks, SHP and SHD, are used to sample the reference
level and data level of the CCD signal respectively. The place-
ment of the SHP and SHD sampling edges is determined by
the setting of the SHPPOSLOC and SHDPOSLOC registers
located at addr. 0xF0 and 0xF1 respectively. Placement of
these two clock signals is critical in achieving the best perfor-
mance from the CCD.
Input Clamp
A line-rate input clamping circuit is used to remove the CCD’s
optical black offset. This offset exists in the CCD’s shielded black
reference pixels. The AD9848/AD9849 removes this offset in
the input stage to minimize the effect of a gain change on the
system black level, usually called the “gain step.” Another
advantage of removing this offset at the input stage is to maxi-
mize system headroom. Some area CCDs have large black
level offset voltages, which, if not corrected at the input stage,
can significantly reduce the available headroom in the inter-
nal circuitry when higher VGA gain settings are used.
Horizontal timing examples are shown on the last page of the
“Applications Information” section. It is recommended that the
CLPDM pulse be used during valid CCD dark pixels. CLPDM
may be used during the optical black pixels, either together with
CLPOB or separately. The CLPDM pulse should be a minimum
of four pixels wide.
PxGA
The PxGA provides separate gain adjustment for the individual
color pixels. A programmable gain amplifier with four separate
values, the PxGA has the capability to “multiplex” its gain value
on a pixel-to-pixel basis (see Figure 17). This allows lower out-
put color pixels to be gained up to match higher output color
pixels. Also, the PxGA may be used to adjust the colors for
white balance, reducing the amount of digital processing that is
needed. The four different gain values are switched according to
the “Color Steering” circuitry. Seven different color steering
modes for different types of CCD color filter arrays are pro-
grammed in the AD9848/AD9849 AFE Register, ctlmode, at
addr. 0x06 (see Figure 16a–16g for timing examples). For
example, Mosaic Separate steering mode accommodates the
popular “Bayer” arrangement of Red, Green, and Blue filters
(see Figure 18).
0.1 F
0.1 F
0.1 F
1.0 F
1.0 F
0.1 F
0.1 F
0dB TO 36dB
CLPDM
CCDIN
DIGITAL
FILTER
CLPOB
DC RESTORE
OPTICAL BLACK
CLAMP
VGA
8-BIT
DAC
CLAMP LEVEL
REGISTER
8
VGA GAIN
REGISTER
10
CDS
INTERNAL
VREF
2V FULL SCALE
–2dB TO +10dB
10/12
PRECISION
TIMING
GENERATION
BYP1
BYP 2
SHP
SHD
PxGA
1.5V
OUTPUT
DATA
LATCH
REFT
REFB
DOUT
PHASE
V-H
TIMING
GENERATION
SHP SHD
DOUT
PHASE
CLPDM CLPOB PBLK
PBLK
1.0V
2.0V
DOUT
BYP 3
INPUT OFFSET
CLAMP
CML
AVDD
2
INTERNAL
BIASING
AD9848/AD9849
10-/12-BIT
ADC
Figure 15. Analog Front-End Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com