Electronic Components Datasheet Search
  English  ▼

X  

CS51221 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS51221
Description  Enhanced Voltage Mode PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51221 Datasheet(HTML) 5 Page - ON Semiconductor

  CS51221 Datasheet HTML 1Page - ON Semiconductor CS51221 Datasheet HTML 2Page - ON Semiconductor CS51221 Datasheet HTML 3Page - ON Semiconductor CS51221 Datasheet HTML 4Page - ON Semiconductor CS51221 Datasheet HTML 5Page - ON Semiconductor CS51221 Datasheet HTML 6Page - ON Semiconductor CS51221 Datasheet HTML 7Page - ON Semiconductor CS51221 Datasheet HTML 8Page - ON Semiconductor CS51221 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CS51221
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (−40
°C < TA < 85°C; −40°C < TJ < 125°C; 3.0 V < VC < 15 V; 4.7 V < VCC < 15 V;
RT = 12 k; CT = 390 pF; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Gate Driver
High Saturation Voltage
VC − GATE, VC = 10 V, ISOURCE = 200 mA
1.5
2.0
V
Low Saturation Voltage
GATE − PGND, ISINK = 200 mA
1.2
1.5
V
High Voltage Clamp
11
13.5
16
V
Output Current
1.0 nF Load. Note 3
1.0
1.25
A
Output UVL Leakage
GATE = 0 V
1.0
50
mA
Rise Time
1.0 nF Load, VC = 20 V, 1.0 V < GATE < 9.0 V
60
100
ns
Fall Time
1.0 nF Load, VC = 20 V, 9.0 V < GATE < 1.0 V
25
50
ns
Max Gate Voltage During UVL/Sleep
IGATE = 500 mA
0.4
0.7
1.0
V
Feed Forward (FF)
Discharge Voltage
IFF = 2.0 mA
0.3
0.7
V
Discharge Current
FF = 1.0 V
2.0
16
30
mA
FF to GATE Delay
50
75
125
ns
Overcurrent Protection
Overcurrent Threshold
ISET = 0.5 V, Ramp ISENSE
0.475
0.5
0.525
V
ISENSE to GATE Delay
50
90
125
ns
External Voltage Monitors
Overvoltage Threshold
OV Increasing
1.9
2.0
2.1
V
Overvoltage Hysteresis Current
OV = 2.15 V
10
12.5
15
mA
Undervoltage Threshold
UV Increasing
0.95
1.0
1.05
V
Undervoltage Hysteresis
25
75
125
mV
Soft−Start (SS)
Charge Current
SS = 2.0 V
40
50
70
mA
Discharge Current
SS = 2.0 V
4.0
5.0
7.0
mA
Charge Voltage
2.8
3.0
3.4
V
Discharge Voltage
0.25
0.3
0.35
V
Soft−Start Clamp Offset
FF = 1.25 V
1.15
1.25
1.35
V
Soft−Start Fault Voltage
OV = 2.15 V or LV = 0.85 V
0.1
0.2
V
Blanking
Blanking Time
50
150
250
ns
SS Blanking Disable Threshold
VFB < 1.0
2.8
3.0
3.3
V
COMP Blanking Disable Threshold
VFB < 1.0, SS > 3.0 V
2.8
3.0
3.3
V
Thermal Shutdown
Thermal Shutdown
Note 3
125
150
180
°C
Thermal Hysteresis
Note 3
5.0
10
15
°C
3. Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com