| Electronic Components Datasheet Search |
|
CS51221 Datasheet(PDF) 9 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
CS51221 Datasheet(HTML) 9 Page - ON Semiconductor |
|
9 / 14 page ![]() CS51221 http://onsemi.com 9 of the Soft−Start can be programmed through a capacitance connected to the SS pin. The constant charging current to the SS pin is 50 mA (typ). The VREF (ok) comparator monitors the 3.3 V VREF output and latches a fault condition if VREF falls below 3.1 V. The fault condition may also be triggered when the OV pin voltage rises above 2.0 V or the UV pin voltage falls below 1.0 V. The undervoltage comparator has a built−in hysteresis of 75 mV (typ). The hysteresis for the OV comparator is programmable through a resistor connected to the OV pin. When an OV condition is detected, the overvoltage hysteresis current of 12.5 mA (typ) is sourced from the pin. In Figure 6, the fault condition is triggered by pulling the UV pin to the ground. Immediately, the SS capacitor is discharged with 5.0 mA of current (typ) and the GATE output is disabled until the SS voltage reaches the discharge voltage of 0.3 V (typ). The IC starts the Soft−Start transition again if the fault condition has recovered as shown in Figure 6. However, if the fault condition persists, the SS voltage will stay at 0.1 V until the removal of the fault condition. Figure 6. The Fault Condition Is Triggered when the UV Pin Voltage Falls Below 1.0 V. The Soft−Start Capacitor Is Discharged and the GATE Output Is Disabled. CH2: Envelop of GATE Output, CH3: SS Pin with 0.01 mF Capacitor, CH4: UV Pin Current Sense and Overcurrent Protection The current can be monitored by the ISENSE pin to achieve pulse by pulse current limit. Various techniques, such as a using current sense resistor or current transformer, can be adopted to derive current signals. The voltage of the ISET pin sets the threshold for maximum current. As shown in Figure 7, when the ISENSE pin voltage exceeds the ISET voltage, the current limit comparator will reset the GATE latch flip−flop to terminate the GATE pulse. Figure 7. The GATE Output Is Terminated When the ISENSE Pin Voltage Reaches the Threshold Set By the ISET Pin. CH2: ISENSE Pin, CH4: ISET Pin, CH3: GATE Pin The current sense signal is prone to leading edge spikes caused by the switching transition. A RC low−pass filter is usually applied to the current signals to avoid premature triggering. However, the low pass filter will inevitably change the shape of the current pulse and also add cost. The CS51221 uses leading edge blanking circuitry that blocks out the first 150 ns (typ) of each current pulse. This removes the leading edge spikes without altering the current waveform. The blanking is disabled during Soft−Start and when the VCOMP is saturated high so that the minimum on−time of the controller does not have the additional blanking period. The max SS detect comparator keeps the blanking function disabled until SS charges fully. The output of the max Duty Cycle detector goes high when the error amplifier output gets saturated high, indicating that the output voltage has fallen well below its regulation point and the power supply may be underload stress. Oscillator and Synchronization The switching frequency is programmable through a RC network connected to the RTCT Pin. As shown in Figure 8, when the RTCT pin reaches 2.0 V, the capacitor is discharged by a 1.0 mA current source and the Gate signal is disabled. When the RTCT pin decreases to 1.0 V, the Gate output is turned on and the discharge current is removed to let the RTCT pin ramp up. This begins a new switching cycle. The CT charging time over the switch period sets the maximum duty cycle clamp which is programmable through the RT value as shown in the Design Guidelines. At the beginning of each switching cycle, the SYNC pin generates a 2.5 V, 320 nS (typ) pulse. This pulse can be utilized to synchronize other power supplies. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |