Electronic Components Datasheet Search
  English  ▼

X  

AD9857 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9857
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9857 Datasheet HTML 10Page - Analog Devices AD9857 Datasheet HTML 11Page - Analog Devices AD9857 Datasheet HTML 12Page - Analog Devices AD9857 Datasheet HTML 13Page - Analog Devices AD9857 Datasheet HTML 14Page - Analog Devices AD9857 Datasheet HTML 15Page - Analog Devices AD9857 Datasheet HTML 16Page - Analog Devices AD9857 Datasheet HTML 17Page - Analog Devices AD9857 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
AD9857
–14–
REV. 0
Fixed Interpolator (4 )
This block is a fixed 4
× interpolator. It is implemented as two
half-band filters. The output of this stage is the original data
upsampled by 4
×.
Before presenting a detailed description of the half-band filters,
recall that in the case of the Quadrature Modulation Mode the
input data stream is representative of complex data; i.e., two
input samples are required to produce one I/Q data pair. The
I/Q sample rate is one-half the input data rate. The I/Q sample
rate (the rate at which I or Q samples are presented to the input
of the first half-band filter) will be referred to as fIQ. Since the
AD9857 is a quadrature modulator, fIQ represents the baseband
of the internal I/Q sample pairs. It should be emphasized here
that fIQ is not the same as the baseband of the user’s symbol rate
data, which must be upsampled before presentation to the AD9857
(as will be explained later). The I/Q sample rate (fIQ) puts a
limit on the minimum bandwidth necessary to transmit the fIQ
spectrum. This is the familiar Nyquist limit and is equal to one-half
fIQ, hereafter referred to as fNYQ.
Together, the two half-band filters provide a factor-of-four increase
in the sampling rate (4
× f
IQ or 8
× f
NYQ). Their combined insertion
loss is 0.01 dB, so virtually no loss of signal level occurs through
the two half-band filters. Both half-band filters are linear phase fil-
ters, so that virtually no phase distortion is introduced within the
pass band of the filters. This is an important feature as phase
distortion is generally intolerable in a data transmission system.
The half-band filters are designed so that their composite perfor-
mance yields a usable pass band of 80% of the baseband Nyquist
frequency (0.2 on the frequency scale below). Within that pass
band the ripple will not exceed 0.002 dB. The stopband extends
from 120% to 400% of the baseband Nyquist frequency (0.3
to 1.0 on the frequency scale below) and offers a minimum of
85 dB attenuation. The composite response of the two half-
band filters together are shown in Figures 22 and 23.
FREQUENCY
0
0.2
0.4
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.3
0.2
–85
Figure 22. Half-Band 1 and 2 Frequency Response;
Frequency Relative to HB1 Output Sample Rate
Inverse CIC Filter
The Inverse CIC Filter precompensates the data in order to off-
set the slight attenuation gradient imposed by the CIC filter (see
the Programmable (2
×–63×) CIC Interpolating Filter section).
The I (or Q) data entering the first half-band filter occupies a
maximum bandwidth of one-half fDATA as defined by Nyquist
(where fDATA is the sample rate at the input of the first half-band
filter). This is shown graphically in Figure 21.
f
INBAND
ATTENUATION
GRADIENT
CIC FILTER RESPONSE
fDATA/2
fDATA
4fDATA
Figure 21. CIC Filter Response
Table I. Parallel Data Bus Timing
Symbol
Definition
Min
tDS
Data Setup Time
4 ns
tDH
Data Hold Time
0 ns
If the CIC filter is employed, the inband attenuation gradient
could pose a problem for those applications requiring an extremely
flat pass band. For example, if the spectrum of the data as supplied
to the AD9857 I or Q path occupies a significant portion of the
one-half fDATA region, the higher frequencies of the data spectrum
will receive slightly more attenuation than the lower frequencies
(the worst-case overall droop from f = 0 to one-half fDATA is
< 0.8 dB). This may not be acceptable in certain applications. The
Inverse CIC filter has a response characteristic that is the inverse of
the CIC filter response over the one-half fDATA region.
The net result is that the product of the two responses yields in
an extremely flat pass band, thereby eliminating the inband
attenuation gradient introduced by the CIC filter. The price to
be paid is a slight attenuation of the input signal of approximately
0.5 dB for a CIC interpolation rate of 2 dB and 0.8 dB for inter-
polation rates of 3 to 63.
The Inverse CIC Filter is implemented as a digital FIR filter
with a response characteristic that is the inverse of the Program-
mable CIC Interpolator. The product of the two responses yields a
nearly flat response over the baseband Nyquist bandwidth. The
Inverse CIC filter provides frequency compensation that yields a
response flatness of
±0.05 dB over the baseband Nyquist band-
width, allowing the AD9857 to provide excellent SNR over its
performance range.
The Inverse CIC Filter can be bypassed by setting Control
Register 06h<0>. It is automatically bypassed if the CIC
interpolation rate is 1
×. Whenever this stage is bypassed, power
to the stage is shut off, thereby reducing power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com