Electronic Components Datasheet Search
  English  ▼

X  

AD9857 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9857
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9857 Datasheet HTML 19Page - Analog Devices AD9857 Datasheet HTML 20Page - Analog Devices AD9857 Datasheet HTML 21Page - Analog Devices AD9857 Datasheet HTML 22Page - Analog Devices AD9857 Datasheet HTML 23Page - Analog Devices AD9857 Datasheet HTML 24Page - Analog Devices AD9857 Datasheet HTML 25Page - Analog Devices AD9857 Datasheet HTML 26Page - Analog Devices AD9857 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
AD9857
–23–
REV. 0
Table IV. Control Register Quick Reference
Reg
Bit 7
Bit 0
Def.
Addr
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Value
Profile
00h
SDIO
LSB
PLL
REFCLK Multiplier
21h
N/A
Input
First
Lock
01h: Bypass PLL
Only
Control
04h–14h: 4
×–20×
01h
CIC
Inverse
Reserved:
Reserved
Full
Auto
Operating Mode
00h
N/A
Clear
SINC
Must Be 0
Sleep
Power-
00h: Quad. Mod.
Bypass
Down
01h: Single-Tone
02h: Intrp. DAC
02h
Frequency Tuning Word #1 <7:0>
00h
0
03h
Frequency Tuning Word #1 <15:8>
00h
0
04h
Frequency Tuning Word #1 <23:16>
00h
0
05h
Frequency Tuning Word #1 <31:24>
00h
0
06h
CIC Interpolation Rate
Spectral
Inverse
08h
0
01h: Bypass CIC Filter
Invert
CIC
02h–3Fh: Interpolation Factor (2–63, Decimal)
Bypass
07h
Output Scale Factor
B5h
0
Bit Weighting: MSB = 2
0, LSB = 2–7
08h
Frequency Tuning Word #2 <7:0>
Unset
1
09h
Frequency Tuning Word #2 <15:8>
Unset
1
0Ah
Frequency Tuning Word #2 <23:16>
Unset
1
0Bh
Frequency Tuning Word #2 <31:24>
Unset
1
0Ch
CIC Interpolation Rate
Spectral
Inverse
Unset
1
01h: Bypass CIC Filter
Invert
CID
02h–3Fh: Interpolation Factor (2–63, Decimal)
Bypass
0Dh
Output Scale Factor
Unset
1
Bit Weighting: MSB = 20, LSB = 2–7
0Eh
Frequency Tuning Word #3 <7:0>
Unset
2
0Fh
Frequency Tuning Word #3 <15:8>
Unset
2
10h
Frequency Tuning Word #3 <23:16>
Unset
2
11h
Frequency Tuning Word #3 <31:24>
Unset
2
12h
CIC Interpolation Rate
Spectral
Inverse
Unset
2
01h: Bypass CIC Filter
Invert
CIC
02h–3Fh: Interpolation Factor (2–63, Decimal)
Bypass
13h
Output Scale Factor
Unset
2
Bit Weighting: MSB = 2
0, LSB = 2–7
14h
Frequency Tuning Word #4 <7:0>
Unset
3
15h
Frequency Tuning Word #4 <15:8>
Unset
3
16h
Frequency Tuning Word #4 <23:16>
Unset
3
17h
Frequency Tuning Word #4 <31:24>
Unset
3
18h
CIC Interpolation Rate
Spectral
Inverse
Unset
3
01h: Bypass CIC Filter
Invert
CIC
02h–3Fh: Interpolation Factor (2–63, Decimal)
Bypass
19h
Output Scale Factor
Unset
3
Bit Weighting: MSB = 20, LSB = 2–7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com