Electronic Components Datasheet Search
  English  ▼

X  

AP2552AW6 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP2552AW6
Description  The AP2552/53and AP2552A/53A are single channel precision adjustable current-limited switches optimized for the applications...
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2552AW6 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP2552AW6 Datasheet HTML 8Page - Diodes Incorporated AP2552AW6 Datasheet HTML 9Page - Diodes Incorporated AP2552AW6 Datasheet HTML 10Page - Diodes Incorporated AP2552AW6 Datasheet HTML 11Page - Diodes Incorporated AP2552AW6 Datasheet HTML 12Page - Diodes Incorporated AP2552AW6 Datasheet HTML 13Page - Diodes Incorporated AP2552AW6 Datasheet HTML 14Page - Diodes Incorporated AP2552AW6 Datasheet HTML 15Page - Diodes Incorporated AP2552AW6 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AP2552/AP2553/AP2552A/AP2553A
Document number: DS35404 Rev. 5 - 2
13 of 16
www.diodes.com
December 2012
© Diodes Incorporated
AP2552/ AP2553/ AP2552A/ AP2553A
Marking Information (cont.)
(2)
U-DFN2020C-6
( Top View )
XX
Y : Year : 0~9
X : Internal Code
XX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Y W X
Device
Package
Identification Code
AP2552FDC
U-DFN2020C-6
BJ
AP2553FDC
U-DFN2020C-6
BK
AP2552AFDC
U-DFN2020C-6
BM
AP2553AFDC
U-DFN2020C-6
BN
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
(1)
Package Type: SOT26
(2)
Package Type: U-DFN2020-6
SOT26
Dim
Min
Max
Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D
⎯
⎯
0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
α
0°
8°
⎯
All Dimensions in mm
U-DFN2020-6
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.03
A3
⎯
⎯
0.15
b
0.20
0.30
0.25
D
1.95 2.075 2.00
D2
1.45
1.65
1.55
e
⎯
⎯
0.65
E
1.95 2.075 2.00
E2
0.76
0.96
0.86
L
0.30
0.40
0.35
All Dimensions in mm
A
M
J
L
D
B C
H
K
SEATING PLANE
D2
D
e
Pin#1 ID
L
b
D2/2
E2
E
A1
A
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com