Electronic Components Datasheet Search
  English  ▼

X  

AP2552AW6 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2552AW6
Description  The AP2552/53and AP2552A/53A are single channel precision adjustable current-limited switches optimized for the applications...
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2552AW6 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2552AW6 Datasheet HTML 1Page - Diodes Incorporated AP2552AW6 Datasheet HTML 2Page - Diodes Incorporated AP2552AW6 Datasheet HTML 3Page - Diodes Incorporated AP2552AW6 Datasheet HTML 4Page - Diodes Incorporated AP2552AW6 Datasheet HTML 5Page - Diodes Incorporated AP2552AW6 Datasheet HTML 6Page - Diodes Incorporated AP2552AW6 Datasheet HTML 7Page - Diodes Incorporated AP2552AW6 Datasheet HTML 8Page - Diodes Incorporated AP2552AW6 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AP2552/AP2553/AP2552A/AP2553A
Document number: DS35404 Rev. 5 - 2
2 of 16
www.diodes.com
December 2012
© Diodes Incorporated
AP2552/ AP2553/ AP2552A/ AP2553A
Typical Applications Circuit
120µF Output Capacitance is a Requirement of USB
Available Options
Part Number
Channel
Enable Pin (EN)
Recommended Maximum
Continuous Load Current (A)
Current-Limit
Protection
Package
AP2552
1
Active Low
2.1
Constant-Current
U-DFN2020C-6
SOT26
AP2553
1
Active High
AP2552A
1
Active Low
2.1
Latch-Off
U-DFN2020C-6
SOT26
AP2553A
1
Active High
Pin Descriptions
Pin
Name
Pin Number
I/O
Function
AP2552W6-7 AP2553W6-7
AP2552FDCG-7 AP2553FDCG-7
IN
1
1
6
6
I
Input, connect a 0.1µF or greater ceramic capacitor from
IN to GND as close to IC as possible.
GND
2
2
5
5
—
Ground, connect to external exposed pad.
EN
3
—
4
—
I
Enable input, logic low turns on power switch.
EN
—
3
—
4
I
Enable input, logic high turns on power switch.
FAULT
4
4
3
3
O
Active-low open-drain output, asserted during over-
current, over-temperature, or reverse-voltage conditions.
ILIM
5
5
2
2
O
Use external resistor to set current-limit threshold;
recommended 10k
Ω≦RLIM≦232kΩ.
OUT
6
6
1
1
O
Output
Exposed
Pad
—
—
Pad
Pad
—
No internal connection; recommend to connect to GND
externally for improved power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com