Electronic Components Datasheet Search
  English  ▼

X  

AP2552FDC Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2552FDC
Description  The AP2552/53and AP2552A/53A are single channel precision adjustable current-limited switches optimized for the applications...
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2552FDC Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2552FDC Datasheet HTML 1Page - Diodes Incorporated AP2552FDC Datasheet HTML 2Page - Diodes Incorporated AP2552FDC Datasheet HTML 3Page - Diodes Incorporated AP2552FDC Datasheet HTML 4Page - Diodes Incorporated AP2552FDC Datasheet HTML 5Page - Diodes Incorporated AP2552FDC Datasheet HTML 6Page - Diodes Incorporated AP2552FDC Datasheet HTML 7Page - Diodes Incorporated AP2552FDC Datasheet HTML 8Page - Diodes Incorporated AP2552FDC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AP2552/AP2553/AP2552A/AP2553A
Document number: DS35404 Rev. 5 - 2
5 of 16
www.diodes.com
December 2012
© Diodes Incorporated
AP2552/ AP2553/ AP2552A/ AP2553A
Electrical Characteristics (@TA = +25°C, VIN = 2.7V to 5.5V, VEN = 0V or VEN = VIN, RFAULT = 10kΩ, unless otherwise specified.)
Symbol
Parameter
Test Conditions (Note 6)
Min
Typ
Max
Unit
Supply
VUVLO
Input UVLO
VIN rising
2.4
2.65
V
ΔVUVLO
Input UVLO Hysteresis
VIN decreasing
25
mV
ISHDN
Input Shutdown Current
VIN = 5.5V, disabled, OUT = open
0.1
1
µA
IQ
Input Quiescent Current
VIN = 5.5V, enabled, OUT = open, RLIM = 20kΩ
100
140
µA
VIN = 5.5V, enabled, OUT = open, RLIM = 210kΩ
80
120
µA
IREV
Reverse Leakage Current
Disabled, VIN = 0V, VOUT = 6V, IREV at VIN
0.01
1
µA
Power Switch
RDS(ON)
Switch On-Resistance
SOT26 package,
TJ = +25°C, VIN = 5.0V
70
95
m
Ω
-40
oC ≤ TA ≤ +85°C
135
U-DFN2020-6 package
TJ = +25°C, VIN = 5.0V
80
105
-40
oC ≤ TA ≤ +85°C
150
tR
Output Turn-On Rise Time
VIN = 5.5V, CL = 1µF, RLOAD = 100Ω. See Figure 1
1.1
1.5
ms
VIN = 2.7V, CL = 1µF, RLOAD = 100Ω.
0.7
1
ms
tF
Output Turn-Off Fall Time
VIN = 5.5V, CL = 1µF, RLOAD = 100Ω. See Figure 1
0.1
0.5
ms
VIN = 2.7V, CL = 1µF, RLOAD = 100Ω.
0.1
0.5
ms
Current Limit
ILIMIT
Current-Limit Threshold
(maximum DC output current),
VOUT = VIN -0.5V
RLIM = 10kΩ
-40°C
≤ TA ≤ +85°C
2200
2365
2542
mA
RLIM = 15kΩ
-40°C
≤ TA ≤ +85°C
1540
1632
1730
RLIM = 20kΩ
TJ = +25°C
1180
1251
1326
-40°C
≤ TA ≤ +85°C
1160
1251
1340
RLIM = 49.9kΩ
TJ = +25°C
500
530
562
-40°C
≤ TA ≤ +85°C
485
529
573
RLIM = 210kΩ
121
142
162
ILIM shorted to IN or GND
50
75
100
ISHORT
Short-Circuit Current Limit, OUT
connected to GND
RLIM = 10kΩ
2620
mA
RLIM = 15kΩ
1820
RLIM = 20kΩ
1380
RLIM = 49.9kΩ
570
RLIM = 210kΩ
150
ILIM shorted to IN or GND
75
tSHORT
Short-Circuit Response Time
VOUT = 0V to IOUT = ILIMIT (OUT shorted to ground)
See Figure 2
2
µs
Enable Pin
ILEAK-EN
EN Input Leakage Current
VIN = 5V, VEN = 0V and 6V
-0.5
0.5
µA
tON
Turnon Time
CL = 1µF, RL = 100Ω. See Figure 1
3
ms
tOFF
Turnoff Time
CL = 1µF, RL = 100Ω. See Figure 1
1
ms
Output Discharge
RDIS
Discharge Resistance (Note 7)
VIN = 5V, disabled, IOUT =1mA
600
Ω
RDIS_LATCH
Discharge Resistance During
Latch-Off
VIN = 5V, latch-off, AP2552A/53A only
1000
Ω
Notes:
6. Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
7. The discharge function is active when the device is disabled (when enable is de-asserted or during power-up power-down when VIN< VUVLO).
The discharge function offers a resistive discharge path for the external storage capacitor for limited time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com