Electronic Components Datasheet Search
  English  ▼

X  

AP2552FDC Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP2552FDC
Description  The AP2552/53and AP2552A/53A are single channel precision adjustable current-limited switches optimized for the applications...
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2552FDC Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP2552FDC Datasheet HTML 5Page - Diodes Incorporated AP2552FDC Datasheet HTML 6Page - Diodes Incorporated AP2552FDC Datasheet HTML 7Page - Diodes Incorporated AP2552FDC Datasheet HTML 8Page - Diodes Incorporated AP2552FDC Datasheet HTML 9Page - Diodes Incorporated AP2552FDC Datasheet HTML 10Page - Diodes Incorporated AP2552FDC Datasheet HTML 11Page - Diodes Incorporated AP2552FDC Datasheet HTML 12Page - Diodes Incorporated AP2552FDC Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AP2552/AP2553/AP2552A/AP2553A
Document number: DS35404 Rev. 5 - 2
9 of 16
www.diodes.com
December 2012
© Diodes Incorporated
AP2552/ AP2553/ AP2552A/ AP2553A
Application Note
The AP2552/53 AND AP2552A/53A are integrated high-side power switches optimized for Universal Serial Bus (USB) that requires protection
functions. The power switches are equipped with a driver that controls the gate voltage and incorporates slew-rate limitation. This, along with the
various protection features and special functions, makes these power switches ideal for hot-swap or hot-plug applications.
Protection Features:
Under-Voltage Lockout (UVLO)
Whenever the input voltage falls below UVLO threshold (~2.5V), the power switch is turned off. This facilitates the design of hot-insertion
systems where it is not possible to turn off the power switch before input power is removed.
Over-Current and Short-Circuit Protection
An internal sensing FET is employed to check for over-current conditions. Unlike current-sense resistors, sense FETs do not increase the series
resistance of the current path. When an overcurrent condition is detected, the device maintains a constant output current and reduces the output
voltage accordingly. Complete shutdown occurs only if the fault stays long enough to activate thermal limiting.
The different overload conditions and the corresponding response of the AP2552/53 AND AP2552A/53A are outlined below:
S.NO
Conditions
Explanation
Behavior of the AP2552/53 AND AP2552A/53A
1
Short-circuit condition at
start-up
Output is shorted before input
voltage is applied or before the
part is enabled
The IC senses the short circuit and immediately clamps output
current to a certain safe level namely ISHORT.
2
Short-circuit or overcurrent
condition
Short-Circuit or Overload
condition that occurs when the
part is enabled.
• At the instance the overload occurs, higher current may flow
for a very short period of time before the current limit function
can react.
• After the current limit function has tripped (reached the over-
current trip threshold), the device switches into current
limiting mode and the current is clamped at ISHORT /ILIMIT.
3
Gradual increase from
nominal operating current to
ILIMIT
Load increases gradually until
the current-limit threshold.(ITRIG)
The current rises until ILIMIT or thermal limit. Once the threshold
has been reached, the device switches into its current limiting
mode and is set at ILIMIT.
Note that when the output has been shorted to GND at extremely low temperature (< -30°C), a minimum 120-
μF electrolytic capacitor on the
output pin is recommended. A correct capacitor type with capacitor voltage rating and temperature characteristics must be properly chosen so
that capacitance value does not drop too low at the extremely low temperature operation. A recommended capacitor should have temperature
characteristics of less than 10% variation of capacitance change when operated at extremely low temp. Our recommended aluminum electrolytic
capacitor type is Panasonic FC series.
Current-Limit Threshold Programming
The current-limit threshold can be programmed using an external resistor. The current-limit threshold is proportional to the current sourced out of
ILIM.
The recommended 1% resistor range for RLIM is 10kΩ ≤RLIM≤210kΩ. Figure 15 includes current-limit tolerance due to variations caused by
temperature and process. This graph does not include the external resistor tolerance. The traces routing the RLIM resistor to the AP2552/53 and
AP2552A/53A should be as short as possible to reduce parasitic effects on the current-limit accuracy.
To design below a maximum current-limit threshold, find the intersection of RLIM and the maximum desired load current on the IOS(max) (ILIM)
curve and choose a value of RLIM above this value. Programming the current limit below a maximum threshold is important to avoid current
limiting upstream power supplies causing the input voltage bus to droop. The resulting minimum current-limit threshold is the intersection of the
selected value of RLIM and the IOS(min) (ILIM) curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com