Electronic Components Datasheet Search
  English  ▼

X  

AP2553FDC Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2553FDC
Description  The AP2552/53and AP2552A/53A are single channel precision adjustable current-limited switches optimized for the applications...
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2553FDC Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2553FDC Datasheet HTML 2Page - Diodes Incorporated AP2553FDC Datasheet HTML 3Page - Diodes Incorporated AP2553FDC Datasheet HTML 4Page - Diodes Incorporated AP2553FDC Datasheet HTML 5Page - Diodes Incorporated AP2553FDC Datasheet HTML 6Page - Diodes Incorporated AP2553FDC Datasheet HTML 7Page - Diodes Incorporated AP2553FDC Datasheet HTML 8Page - Diodes Incorporated AP2553FDC Datasheet HTML 9Page - Diodes Incorporated AP2553FDC Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AP2552/AP2553/AP2552A/AP2553A
Document number: DS35404 Rev. 5 - 2
6 of 16
www.diodes.com
December 2012
© Diodes Incorporated
AP2552/ AP2553/ AP2552A/ AP2553A
Electrical Characteristics (cont.)
(@TA = +25°C, VIN = 2.7V to 5.5V, VEN = 0V or VEN = VIN, RFAULT = 10kΩ, unless otherwise specified.)
Symbol
Parameter
Test Conditions (Note 6)
Min
Typ
Max
Unit
Reverse Voltage Protection
VRVP
Reverse-Voltage Comparator Trip Point
VOUT – VIN
95
135
190
mV
IROCP
Reverse Current Limit
VOUT – VIN = 200mV
0.72
A
tTRIG
Time from Reverse-Voltage Condition to
MOSFET Turn Off
(AP2552A/AP2553A)
VIN = 5V
3
4.75
7
ms
Fault Flag
VOL
FAULT Output Low Voltage
IFAULT = 1mA
180
mV
IFOH
FAULT Off Current
VFAULT = 6V
1
µA
tBlank_OC
FAULT Blanking and Latch Off Time
(Over-Current)
Assertion or deassertion due to overcurrent
5
7.5
10
ms
tBlank_RV
FAULT Blanking Time
(Reverse-Voltage)
Assertion or deassertion due to
reverse-voltage
2
3.75
6
ms
Thermal Shutdown
TSHDN
Thermal Shutdown Threshold
Enabled, RLOAD = 1kΩ
160
°C
TSHDN_OCP
Thermal Shutdown Threshold under
Current Limit
Enabled, RLOAD = 1kΩ
140
°C
THYS
Thermal Shutdown Hysteresis
20
°C
Note:
6. Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
Typical Performance Characteristics
VEN
90%
VOUT
TD(ON)
10%
TD(OFF)
50%
50%
TR
10%
90%
TF
VEN
90%
VOUT
TD(ON)
10%
TD(OFF)
50%
50%
TR
10%
90%
TF
Figure 1. Voltage Waveforms: AP2552/52A (left), AP2553/53A (right)
Figure 2. Response Time to Short Circuit Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com