Electronic Components Datasheet Search
  English  ▼

X  

AP2553FDC Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2553FDC
Description  The AP2552/53and AP2552A/53A are single channel precision adjustable current-limited switches optimized for the applications...
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2553FDC Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2553FDC Datasheet HTML 3Page - Diodes Incorporated AP2553FDC Datasheet HTML 4Page - Diodes Incorporated AP2553FDC Datasheet HTML 5Page - Diodes Incorporated AP2553FDC Datasheet HTML 6Page - Diodes Incorporated AP2553FDC Datasheet HTML 7Page - Diodes Incorporated AP2553FDC Datasheet HTML 8Page - Diodes Incorporated AP2553FDC Datasheet HTML 9Page - Diodes Incorporated AP2553FDC Datasheet HTML 10Page - Diodes Incorporated AP2553FDC Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AP2552/AP2553/AP2552A/AP2553A
Document number: DS35404 Rev. 5 - 2
7 of 16
www.diodes.com
December 2012
© Diodes Incorporated
AP2552/ AP2553/ AP2552A/ AP2553A
Typical Performance Characteristics
2ms/div
Figure 3. Turn-On Delay and Rise Time
2ms/div
Figure 4. Turn-Off Delay and Fall Time
500µs/div
Figure 5. Device Enabled into Short-circuit
2ms/div
Figure 6. No Load to 1
Ω Transient Response
2ms/div
Figure 7. Short-Circuit Current Limit Response
2ms/div
Figure 8. Extended Short-Circuit into Thermal Cycles
VIN = 5V
RLIM = 20kΩ
ROUT = 5Ω
VIN= 5V
RLIM = 20kΩ
ROUT = 5Ω
VIN = 5V
RLIM = 20kΩ
ROUT = 0Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com