Electronic Components Datasheet Search
  English  ▼

X  

AP2552AFDC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2552AFDC
Description  The AP2552/53and AP2552A/53A are single channel precision adjustable current-limited switches optimized for the applications...
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2552AFDC Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2552AFDC Datasheet HTML 1Page - Diodes Incorporated AP2552AFDC Datasheet HTML 2Page - Diodes Incorporated AP2552AFDC Datasheet HTML 3Page - Diodes Incorporated AP2552AFDC Datasheet HTML 4Page - Diodes Incorporated AP2552AFDC Datasheet HTML 5Page - Diodes Incorporated AP2552AFDC Datasheet HTML 6Page - Diodes Incorporated AP2552AFDC Datasheet HTML 7Page - Diodes Incorporated AP2552AFDC Datasheet HTML 8Page - Diodes Incorporated AP2552AFDC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AP2552/AP2553/AP2552A/AP2553A
Document number: DS35404 Rev. 5 - 2
1 of 16
www.diodes.com
December 2012
© Diodes Incorporated
AP2552/ AP2553/ AP2552A/ AP2553A
PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
Description
The AP2552/53and AP2552A/53A are single channel precision
adjustable current-limited switches optimized for the applications
require precision current limiting or to provide up to 2.1A of
continuous load current during heavy loads/short circuits. These
devices offer a programmable current-limit threshold between 75mA
and 2.35A (typ) via an external resistor. Current limit accuracy ±6%
can be achieved at high current-limit settings. The rise and fall times
are controlled to minimize current surges during turn on/off.
The devices have fast short-circuit response timefor improved overall
system robustness. They provide a complete protection solution for
applications subject to heavy capacitive loads and the prospect of
short circuit, offering reverse current blocking and limiting, over-
current, over-temperature and short-circuit protection, as well as
controlled rise time and under-voltage lockout functionality. A
7ms deglitch capability on the open-drain Flag output prevents false
over-current reporting and does not require any external components.
AP2552/53 limits the output current to a safe level when the output
current exceeds current-limit threshold.
AP2552A/53A provides latch-off function during over-current or
reverse-voltage conditions.
All devices are available in SOT26 and U-DFN2020C-6 packages.
Applications
•
Set-Top-Boxes
•
LCD TVs & Monitors
•
Residential Gateways
•
Laptops, Desktops, Servers, e-Readers, Printers, Docking
Stations, HUBs
Pin Assignments
PAD
1
2
3
6
5
4
IN
GND
EN
OUT
FAULT
ILIM
U-DFN2020C-6
(Top View)
IN
GND
EN
OUT
FAULT
ILIM
6
5
4
1
2
3
(Top View)
SOT26
Features
•
Up to 2.1A maximum load current
•
Accurate adjustable current limit, 75mA - 2350mA
•
±6% accurate adjustable current limit, 1.61A with RLIM = 15kΩ
•
Constant-current (AP2552/53) during over-current
•
Output latch-off (AP2552A/53A) at over-current
•
Fast short-circuit response time: 2µs (typ)
•
Reverse current blocking during shutdown and reverse current
limiting during enable
•
Operating range: 2.7V – 5.5V
•
Built-in soft-start with 3ms typical rise time
•
Over-current , output over-voltage and thermal protection
•
Fault report (FAULT) with blanking time
•
ESD protection: 2kV HBM, 500V CDM
•
Active low (AP2552/52A) or active high (AP2553/53A) enable
•
Ambient temperature range: -40ºC to +85°C
•
SOT26 and DFN2020-6 package: Available in “Green”Molding
Compound (No Br, Sb)
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
15kV ESD Protection per IEC 61000-4-2 (with external
capacitance)
•
UL Recognized, File Number (to be completed)
•
IEC60950-1 CB Scheme Certified (to be completed)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP2552AFDC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2501 DIODES-AP2501 Datasheet
376Kb / 18P
2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2501 DIODES-AP2501 Datasheet
509Kb / 18P
2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2501 DIODES-AP2501 Datasheet
509Kb / 18P
2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2501A DIODES-AP2501A Datasheet
788Kb / 19P
2.5A SINGLE CHANNEL CURRENT - LIMITED POWER SWITCH
November 2015
AP2501FGE-7 DIODES-AP2501FGE-7 Datasheet
376Kb / 18P
2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
More results

Similar Description - AP2552AFDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2560_1002 TI-TPS2560_1002 Datasheet
873Kb / 22P
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2560 TI1-TPS2560_15 Datasheet
1Mb / 29P
Dual Channel Precision Adjustable Current-limited Power Switches
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com