Electronic Components Datasheet Search
  English  ▼

X  

AP2552AFDC Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2552AFDC
Description  The AP2552/53and AP2552A/53A are single channel precision adjustable current-limited switches optimized for the applications...
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2552AFDC Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2552AFDC Datasheet HTML 6Page - Diodes Incorporated AP2552AFDC Datasheet HTML 7Page - Diodes Incorporated AP2552AFDC Datasheet HTML 8Page - Diodes Incorporated AP2552AFDC Datasheet HTML 9Page - Diodes Incorporated AP2552AFDC Datasheet HTML 10Page - Diodes Incorporated AP2552AFDC Datasheet HTML 11Page - Diodes Incorporated AP2552AFDC Datasheet HTML 12Page - Diodes Incorporated AP2552AFDC Datasheet HTML 13Page - Diodes Incorporated AP2552AFDC Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AP2552/AP2553/AP2552A/AP2553A
Document number: DS35404 Rev. 5 - 2
10 of 16
www.diodes.com
December 2012
© Diodes Incorporated
AP2552/ AP2553/ AP2552A/ AP2553A
Application Note (cont.)
Current-Limit Threshold Programming (cont.)
Current-Limit Threshold Equations (ILIMIT):
Ω
=
k
20200
)
mA
(
I
91
.
0
LIM
)
MAX
(
LIM
R
Ω
=
k
20620
)
mA
(
I
94
.
0
LIM
)
TYP
(
LIM
R
Ω
=
k
20211
)
mA
(
I
96
.
0
LIM
)
MIN
(
LIM
R
Figure 15. Current-Limit Threshold vs RLIM
Thermal Protection
Thermal protection prevents the IC from damage when the die temperature exceeds safe margins. This mainly occurs when heavy-overload or
short-circuit faults are present for extended periods of time. The AP2552/53 AND AP2552A/53A implements a thermal sensing to monitor the
operating junction temperature of the power distribution switch. Once the die temperature rises to approximately +160°C (140°C in case the part
is under current limit), the thermal protection feature gets activated as follows: The internal thermal sense circuitry turns the power switch off and
the FAULT output is asserted thus preventing the power switch from damage. Hysteresis in the thermal sense circuit allows the device to cool
down by approximately +20°C before the output is turned back on. This built-in thermal hysteresis feature is an excellent feature, as it avoids
undesirable oscillations of the thermal protection circuit. The switch continues to cycle in this manner until the load fault is removed, resulting in
a pulsed output.
Reverse-Current and Reverse-Voltage Protection
The USB specification does not allow an output device to source current back into the USB port. In a normal MOSFET switch, current will flow in
reverse direction (from the output side to the input side) when the output side voltage is higher than the input side. A reverse-current limit
(ROCP)
feature is implemented in the AP2552/53 AND AP2552A/53A to limit such back currents. The ROCP circuit is activated when the output
voltage is higher than the input voltage. After the reverse current circuit has tripped (reached the reverse current trip threshold), the current is
clamped at this IROCP level.
In addition to ROCP, reverse over-voltage protection (ROVP) is also implemented. The ROVP circuit is activated by the reverse voltage
comparator trip point
ie; the difference between the output voltage and the input voltage.
For AP2552/53, once ROVP is activated, FAULT assertion occurs at a de-glitch time of 4ms. Recovery from ROVP is automatic when the fault is
removed. FAULT de-assertion de-glitch time is same as the de-assertion time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com