| Electronic Components Datasheet Search |
|
AD9887 Datasheet(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9887 Datasheet(HTML) 8 Page - Analog Devices |
|
8 / 40 page ![]() REV. 0 –8– AD9887 DESCRIPTIONS OF PINS SHARED BETWEEN ANALOG AND DIGITAL INTERFACES HSOUT Horizontal Sync Output A reconstructed and phase-aligned version of the video HSYNC. The polarity of this output can be controlled via a serial bus bit. In analog interface mode the placement and duration are variable. In digital interface mode the placement and duration are set by the graphics transmitter. VSOUT Vertical Sync Output The separated VSYNC from a composite signal or a direct pass through of the VSYNC input. The polarity of this output can be con- trolled via a serial bus bit. The placement and duration in all modes is set by the graphics transmitter. Serial Port (2-Wire) SDA Serial Port Data I/O SCL Serial Port Data Clock A0 Serial Port Address Input 1 A1 Serial Port Address Input 2 For a full description of the 2-wire serial regis- ter and how it works, refer to the Control Register section. Data Outputs RED A Data Output, Red Channel, Port A/Even RED B Data Output, Red Channel, Port B/Odd GREEN A Data Output, Green Channel, Port A/Even GREEN B Data Output, Green Channel, Port B/Odd BLUE A Data Output, Blue Channel, Port A/Even BLUE B Data Output, Blue Channel, Port B/Odd The main data outputs. Bit 7 is the MSB. These outputs are shared between the two interfaces and behave according to which interface is active. Refer to the sections on the two interfaces for more information on how these outputs behave. Data Clock Outputs DATACK Data Output Clock DATACK Data Output Clock Complement Just like the data outputs, the data clock out- puts are shared between the two interfaces. They also behave differently depending on which interface is active. Refer to the sections on the two interfaces to determine how these pins behave. Various SCDT Chip Active/Inactive Detect Output The logic for the SCDT pin is [analog interface HSYNC detection] OR [digital interface DE detection]. So, the SCDT pin will switch to logic LOW under two conditions, when nei- ther interface is active or when the chip is in full chip power-down mode. The data outputs are automatically three-stated when SCDT is LOW. This pin can be read by a controller in order to determine periods of inactivity. SCAN Function SCANIN Data Input for SCAN Function Data can be loaded serially into the 48-bit SCAN register through this pin, clocking it in with the SCANCLK pin. It then comes out of the 48 data outputs in parallel. This function is useful for loading known data into a graph- ics controller chip for testing purposes. SCANOUT Data Output for SCAN Function The data in the 48-bit SCAN register can be read through this pin. Data is read on a FIFO basis and is clocked via the SCANCLK pin. SCANCLK Data Clock for SCAN Function This pin clocks the data through the SCAN register. It controls both data input and data output. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |