Electronic Components Datasheet Search
  English  ▼

X  

AD9887 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9887
Description  Dual Interface for Flat Panel Displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9887 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9887 Datasheet HTML 28Page - Analog Devices AD9887 Datasheet HTML 29Page - Analog Devices AD9887 Datasheet HTML 30Page - Analog Devices AD9887 Datasheet HTML 31Page - Analog Devices AD9887 Datasheet HTML 32Page - Analog Devices AD9887 Datasheet HTML 33Page - Analog Devices AD9887 Datasheet HTML 34Page - Analog Devices AD9887 Datasheet HTML 35Page - Analog Devices AD9887 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
REV. 0
–32–
AD9887
A Logic 1 enables the external CKEXT input pin. In this
mode, the PLL Divide Ratio (PLLDIV) is ignored. The
clock phase adjust (PHASE) is still functional.
The power-up default value is EXTCLK = 0.
0F
2
Red Clamp Select
A bit that determines whether the red channel is clamped
to ground or to midscale. For RGB video, all three chan-
nels are referenced to ground. For YcbCr (or YUV), the
Y channel is referenced to ground, but the CbCr channels
are referenced to midscale. Clamping to midscale actually
clamps to Pin 118, RCLAMPV.
Table XXII. Red Clamp Select Settings
Clamp
Function
0
Clamp to Ground
1
Clamp to Midscale (Pin 118)
The default setting for this register is 0.
0F
1
Green Clamp Select
A bit that determines whether the green channel is clamped
to ground or to midscale.
Table XXIII. Green Clamp Select Settings
Clamp
Function
0
Clamp to Ground
1
Clamp to Midscale (Pin 109)
The default setting for this register is 0.
0F
0
Blue Clamp Select
A bit that determines whether the blue channel is clamped
to ground or to midscale.
Table XXIV. Blue Clamp Select Settings
Clamp
Function
0
Clamp to Ground
1
Clamp to Midscale (Pin 99)
The default setting for this register is 0.
MODE CONTROL 2
10
7
Clk Inv Data Output Clock Invert
A control bit for the inversion of the output data clocks,
(Pins 134, 135). This function works only for the digital
interface. When not inverted, data is output on the rising
edge of the data clock. See timing diagrams to see how
this affects timing.
Table XXV. Clock Output Invert Settings
Clk Inv
Function
0
Not Inverted
1
Inverted
The default for this register is 0, not inverted.
10
6
Pix Select
This bit selects either 1 or 2 pixels per clock mode for the
digital interface. It determines whether the data comes out
of a single port (even port only), at the full data rate or
out of two ports (both even and odd ports), at one-half
the full data rate per port. A Logic 0 selects 1 pixel per
clock (even port only). A Logic 1 selects 2 pixels per clock
(both ports). See the Digital Interface Timing Diagrams,
Figures 29 to 32, for a visual representation of this function.
Note: This function operates exactly like the DEMUX
function on the analog interface.
Table XXVI. Pix Select Settings
Pix Select
Function
0
1 Pixel per Clock
1
2 Pixels per Clock
The default for this register is 0, 1 pixel per clock.
10
5, 4
Output Drive
These two bits select the drive strength for the high-speed
digital outputs (all data output and clock output pins).
Higher drive strength results in faster rise/fall times and in
general makes it easier to capture data. Lower drive strength
results in slower rise/fall times and helps to reduce EMI
and digitally generated power supply noise. The exact
timing specifications for each of these modes are specified
in Table VII.
Table XXVII. Output Drive Strength Settings
Bit 5
Bit 4
Result
1
1
High Drive Strength
1
0
Medium Drive Strength
0
X
Low Drive Strength
The default for this register is 11, high drive strength. (This
option works on both the analog and digital interfaces.)
10
3 PDO—Power-Down Outputs
A bit that can put the outputs in a high impedance mode.
This applies only to the 48 data output pins and the two
data clock output pins.
Table XXVIII. Power-Down Output Settings
CKINV
Function
0
Normal Operation
1
Three-State
The default for this register is 0. (This option works on
both the analog and digital interfaces.)
10
2
Sync Detect Polarity
This pin controls the polarity of the Sync Detect output
pin (Pin 136).
Table XXIX. Sync Detect Polarity Settings
Polarity
Function
0
Activity = Logic 1 Output
1
Activity = Logic 0 Output
The default for this register is 0. (This option works on
both the analog and digital interfaces.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com