Electronic Components Datasheet Search
  English  ▼

X  

AD9888 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9888
Description  100/140/170/205 MSPS Analog Flat Panel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9888 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9888 Datasheet HTML 5Page - Analog Devices AD9888 Datasheet HTML 6Page - Analog Devices AD9888 Datasheet HTML 7Page - Analog Devices AD9888 Datasheet HTML 8Page - Analog Devices AD9888 Datasheet HTML 9Page - Analog Devices AD9888 Datasheet HTML 10Page - Analog Devices AD9888 Datasheet HTML 11Page - Analog Devices AD9888 Datasheet HTML 12Page - Analog Devices AD9888 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
REV. A
AD9888
–9–
Sync Processing
The AD9888 contains circuitry that enables it to accept com-
posite sync inputs, such as Sync-on-Green or the trilevel syncs
found in digital TV signals. A complete description of the sync
processing functionality is found in the Sync Slicer and Sync
Separator sections.
Hsync, Vsync Inputs
The interface also takes a horizontal sync signal, which is used
to generate the pixel clock and clamp timing. It is possible to
operate the AD9888 without applying Hsync (using an external
clock, external clamp, and single port output mode) but a number
of features of the chip will be unavailable, so it is recommended
that Hsync be provided. This can be either a sync signal directly
from the graphics source, or a preprocessed TTL or CMOS
level signal.
The Hsync input includes a Schmitt trigger buffer for immunity
to noise and signals with long rise times. In typical PC-based
graphic systems, the sync signals are simply TTL-level drivers
feeding unshielded wires in the monitor cable. As such, no ter-
mination is required or desired.
Serial Control Port
The serial control port is designed for 3.3 V logic. If there are
5 V drivers on the bus, these pins should be protected with
150
Ω series resistors placed between the pull-up resistors and
the input pins.
Output Signal Handling
The digital outputs are designed and specified to operate from a
3.3 V power supply (VDD). They can also work with a VDD as
low as 2.5 V for compatibility with other 2.5 V logic.
Clamping
RGB Clamping
To digitize the incoming signal properly, the dc offset of the input
must be adjusted to fit the range of the on-board A/D converters.
Most graphics systems produce RGB signals with black at ground
and white at approximately 0.75 V. However, if sync signals are
embedded in the graphics, the sync tip is often at ground and
black is at 300 mV. Then white is at approximately 1.0 V. Some
common RGB line amplifier boxes use emitter-follower buffers
to split signals and increase drive capability. This introduces a
700 mV dc offset to the signal, which must be removed for
proper capture by the AD9888.
The key to clamping is to identify a portion (time) of the signal
when the graphic system is known to be producing black. An
offset is then introduced which results in the A/D converters
producing a black output (code 00h) when the known black
input is present. The offset then remains in place when other
signal levels are processed, and the entire signal is shifted to
eliminate offset errors.
In most graphics systems, black is transmitted between active
video lines. Going back to CRT displays, when the electron
beam has completed writing a horizontal line on the screen
(at the right side), the beam is deflected quickly to the left side
of the screen (called horizontal retrace) and a black signal is
provided to prevent the beam from disturbing the image.
In systems with embedded sync, a blacker-than-black signal
(Hsync) is produced briefly to signal the CRT that it is time to
begin a retrace. For obvious reasons, it is important to avoid
clamping on the tip of Hsync. Fortunately, there is almost always
a period following Hsync called the back porch where a good
black reference is provided. This is the time when clamping
should be done.
The clamp timing can be established by simply exercising the
CLAMP pin at the appropriate time (with External Clamp = 1).
The polarity of this signal is set by the Clamp Polarity (Register
0Fh, Bit 6).
A simpler method of clamp timing employs the AD9888 inter-
nal clamp timing generator. The Clamp Placement register is
programmed with the number of pixel times that should pass
after the trailing edge of HSYNC before clamping starts. A
second register (Clamp Duration, Register 06h) sets the duration
of the clamp. These are both 8-bit values, providing considerable
flexibility in clamp generation. The clamp timing is referenced
to the trailing edge of Hsync because, though Hsync duration
can vary widely, the back porch (black reference) always follows
Hsync. A good starting point for establishing clamping is to set
the clamp placement to 08h (providing 8 pixel periods for the
graphics signal to stabilize after sync) and set the clamp dura-
tion to 14h (giving the clamp 20 pixel periods to reestablish the
black reference).
Clamping is accomplished by placing an appropriate charge on
the external input coupling capacitor. The value of this capacitor
affects the performance of the clamp. If it is too small, there will
be a significant amplitude change during a horizontal line time
(between clamping intervals). If the capacitor is too large, then
it will take excessively long for the clamp to recover from a large
change in incoming signal offset. The recommended value (47 nF)
results in recovering from a step error of 100 mV to within
1/2 LSB in 10 lines with a clamp duration of 20 pixel periods
on a 60 Hz SXGA signal.
YUV Clamping
YUV graphic signals are slightly different from RGB signals in
that the dc reference level (black level in RGB signals) can be at
the midpoint of the video signal rather than the bottom. For
these signals it can be necessary to clamp to the midscale range
of the A/D converter range (80h) rather than bottom of the
A/D converter range (00h).
Clamping to midscale rather than ground can be accomplished
by setting the clamp select bits in the series bus register. The red
and blue channels each have their own selection bit so that they
can be clamped to either midscale or ground independently. The
clamp controls are located in register 10h and are Bits 1 and 2.
The midscale reference voltage that each A/D converter clamps
to is provided independently on the RMIDSCV and BMIDSCV
pins. These two pins should be bypassed to ground with a
0.1
µF capacitor (even if midscale clamping is not required).
Gain and Offset Control
The AD9888 can accommodate input signals with inputs ranging
from 0.5 V to 1.0 V full scale. The full-scale range is set in three
8-bit registers (Red Gain, Green Gain, and Blue Gain; Registers
08h, 09h, and 10h respectively).
Note that increasing the gain setting results in an image with
less contrast.
The offset control shifts the entire input range, resulting in a
change in image brightness. Three 7-bit registers (Red Offset,
Green Offset, Blue Offset; Registers 0Bh, 0Ch, and 0Dh respec-
tively) provide independent settings for each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com