Electronic Components Datasheet Search
  English  ▼

X  

AD9888 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9888
Description  100/140/170/205 MSPS Analog Flat Panel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9888 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9888 Datasheet HTML 18Page - Analog Devices AD9888 Datasheet HTML 19Page - Analog Devices AD9888 Datasheet HTML 20Page - Analog Devices AD9888 Datasheet HTML 21Page - Analog Devices AD9888 Datasheet HTML 22Page - Analog Devices AD9888 Datasheet HTML 23Page - Analog Devices AD9888 Datasheet HTML 24Page - Analog Devices AD9888 Datasheet HTML 25Page - Analog Devices AD9888 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
REV. A
AD9888
–22–
Table XI. Active Hsync Override Settings
Override
Result
0
Auto determines the active interface.
1
Override, Bit 3 determines the active interface.
The default for this register is 0.
0E
3
Active Hsync Select
This bit is used under two conditions. It is used to select
the active Hsync when the override bit is set (Bit 4). Alter-
nately, it is used to determine the active Hsync when not
overriding but both Hsyncs are detected.
Table XII. Active Hsync Select Settings
Select
Result
0
Hsync Input
1
Sync-on-Green Input
The default for this register is 0.
0E
2
Vsync Output Invert
A bit that inverts the polarity of the Vsync output. Table
XIII shows the effect of this option.
Table XIII. Vsync Output Polarity Settings
Setting
SYNC
1
Invert
0
Don’t Invert
The default setting for this register is 0.
0E
1
Active Vsync Override
This bit is used to override the automatic Vsync selection.
To override, set this bit to Logic 1. When overriding, the
active interface is set via Bit 0 in this register.
Table XIV. Active Vsync Override Settings
Override
Result
0
Auto determines the active Vsync.
1
Override, Bit 0 determines the active Vsync.
The default for this register is 0.
0E
0
Active Vsync Select
This bit is used to select the active Vsync when the over-
ride bit is set (Bit 1).
Table XV. Active Vsync Select Settings
Select
Result
0
Vsync Input
1
Sync Separator Output
The default for this register is 0.
0F
7
Clamp Input Signal Source
A bit that determines the source of clamp timing.
Table XVI. Clamp Input Signal Source Settings
External Clamp
Function
0
Internally Generated Clamp
1
Externally Provided Clamp Signal
A 0 enables the clamp timing circuitry controlled by clamp
placement and clamp duration. The clamp position and
duration is counted from the leading edge of Hsync.
A 1 enables the external CLAMP input pin. The three
channels are clamped when the CLAMP signal is active.
The polarity of CLAMP is determined by the Clamp
Polarity bit (Register 0Fh, Bit 6).
The power-up default value is External Clamp = 0.
0F
6
Clamp Input Signal Polarity
A bit that determines the polarity of the externally pro-
vided CLAMP signal.
Table XVII. Clamp Input Signal Polarity Settings
Clamp Polarity
Function
1
Active LOW
0
Active HIGH
A Logic 1 means that the circuit will clamp when CLAMP
is LOW, and it will pass the signal to the ADC when
CLAMP is HIGH.
A Logic 0 means that the circuit will clamp when CLAMP
is HIGH, and it will pass the signal to the ADC when
CLAMP is LOW.
The power-up default value is Clamp Polarity = 1.
0F
5
COAST Select
This bit is used to select the active coast source. The
choices are the coast input pin or Vsync. If Vsync is selected,
the additional decision of using the Vsync input pin or the
output from the sync separator needs to be made (Register
0E, Bits 1, 0).
Table XVIII. COAST Source Selection Settings
Select
Result
0
COAST Input Pin
1
Vsync (See above text.)
The default for this register is 0.
0F
4
COAST Input Polarity Override
This register is used to override the internal circuitry that
determines the polarity of the coast signal going into the
PLL.
Table XIX. COAST Input Polarity Override Settings
Override Bit
Result
0
COAST Polarity Determined by Chip
1
COAST Polarity Determined by User
The default for coast polarity override is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com