Electronic Components Datasheet Search
  English  ▼

X  

KNH10 Datasheet(PDF) 3 Page - Kyocera Kinseki Corpotation

Part # KNH10
Description  0402 Size. Rated current up to 2A MAX.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KNH10 Datasheet(HTML) 3 Page - Kyocera Kinseki Corpotation

  KNH10 Datasheet HTML 1Page - Kyocera Kinseki Corpotation KNH10 Datasheet HTML 2Page - Kyocera Kinseki Corpotation KNH10 Datasheet HTML 3Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EMI Filters
KNH21 Series
RoHS Compliant
Features
• 0805 Size. Rated current up to 6A MAX.
• Effective for filtering noise on power (Vcc)
lines.
Applications
• PCs, Laser Printers, Cellular Phone,
Power/ Signal Lines for LCD Display,
Office Equipments
• AV Power Supply/ Signal Line, TV, VCR, etc.
• High Current Signal Lines
How to Order
KNH 21 C104 DA 3T S
①②
③
④ ⑤ ⑥
① Series
② Size Code
21
2012 (EIA: 0805)
③ Capacitance
C106 10,000,000pF C473
47,000pF
C105
1,000,000pF
C471
470pF
C104
100,000pF
C221
220pF
④ Application
DA
Digital Circuit in General
⑤ Packaging
3T
T&R: 3000 pcs. (Std.)
⑥ Termination
S
Std.
Dimensions
(Unit: mm)
L
G
IN/ OUT
IN/ OUT
P
P
CODE
L
W
KNH21
2.0
±0.2
1.25
±0.2
CODE
T
G
KNH21
0.85
±0.15
0.40
±0.30
KNH21C106DA
1.0
±0.15
CODE
P
R
KNH21
0.30
±0.20
≥0.01
Specifications
Part Number
Capacitance
(
+50/ −20%)
Rated
Current
Rated
Voltage
Temp. Coefficient
of Capacitance
Operating
Temperature
KNH21C106DA3TS
10,000,000pF
6.0A
6.3VDC
±15%
−40 to +85°C
KNH21C105DA3TS
1,000,000pF
4.0A
10VDC
±15%
KNH21C104DA3TS
100,000pF
2.0A
25VDC
±15%
KNH21C473DA3TS
47,000pF
2.0A
50VDC
±15%
KNH21C471DA3TS
470pF
1.0A
50VDC
±60ppm/ °C
KNH21C221DA3TS
220pF
1.0A
50VDC
±60ppm/ °C
•
Storage condition
Temperature:
−10 to +45°C
Humidity: 45 to 75%RH
−70
−90
−80
0
1
10
100
1000
10000
−10
−20
−30
−40
−50
−60
10
Frequency (MHz)
KNH21C471DA
KNH21C221DA
KNH21C104DA
KNH21C473DA
KNH21C105DA
KNH21C106DA
Attenuation Characteristics
Recommended Land Pattern
(Unit: mm)
4.0
Packaging Specification
• Taping (3000/ reel)
(Unit: mm)
<Electrical Characteristics>
• Wide attenuation range including
surrounding circuit.
Test Circuit
Attenuation Effect of Power Supply Noise
25
60
55
50
45
40
35
30
925
825
725
625
525
FREQ. (MHz)
425
325
225
125
Original
Filter passed
Original
Filter passed
25
60
55
50
45
40
35
30
925
825
725
625
525
FREQ. (MHz)
425
325
225
125



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com